Electronic Components Datasheet Search
  English  ▼

X  

LBT38002 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT38002
Description  SAW Filter Electrical Characteristic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT38002 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT38002 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LBT38002 SAW Filter Electrical Characteristic
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
379.8
380
380.2
Insertion Loss
dB
19.0
20
3dB Bandwidth
MHz
10.50
11.5
40dB Bandwidth
MHz
15.53
16.00
Passband Variation
dB
0.7
1.0
Ultimate Rejection
dB
40
42
Absolute Delay
usec
-
-
-
Substrate Material
112-LiTaO3
Ambient Temperature
C
25
Package Size
SMP-75
LBT38002 SAW Filter Typical Performance
Package
360
365
370
375
380
385
390
395
400
-70
-60
-50
-40
-30
-20
Type performance
Frequency(MHz)


Similar Part No. - LBT38002

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT38002 SIPAT-LBT38002 Datasheet
134Kb / 1P
SAW Filter Electrical Characteristic
More results

Similar Description - LBT38002

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14023 SIPAT-LBS14023 Datasheet
44Kb / 1P
SAW Filter Electrical Characteristic
LBS7032 SIPAT-LBS7032 Datasheet
74Kb / 1P
SAW Filter Electrical Characteristic
LBS07202 SIPAT-LBS07202 Datasheet
125Kb / 1P
SAW Filter Electrical Characteristic
LBN160-9.45 SIPAT-LBN160-9.45 Datasheet
23Kb / 1P
SAW Filter Electrical Characteristic
LBN02301 SIPAT-LBN02301 Datasheet
110Kb / 1P
SAW Filter Electrical Characteristic
LBN03601 SIPAT-LBN03601 Datasheet
69Kb / 1P
SAW Filter Electrical Characteristic
LBN04404 SIPAT-LBN04404 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN6504 SIPAT-LBN6504 Datasheet
91Kb / 1P
SAW Filter Electrical Characteristic
LBN7001 SIPAT-LBN7001 Datasheet
43Kb / 1P
SAW Filter Electrical Characteristic
LBN7052 SIPAT-LBN7052 Datasheet
104Kb / 1P
SAW Filter Electrical Characteristic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com