Electronic Components Datasheet Search
  English  ▼

X  

1212224 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1212224
Description  Connector - SACC-M12MR-5CON-PG9 - 1513431
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1212224 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1212224 Datasheet HTML 1Page - PHOENIX CONTACT 1212224 Datasheet HTML 2Page - PHOENIX CONTACT 1212224 Datasheet HTML 3Page - PHOENIX CONTACT 1212224 Datasheet HTML 4Page - PHOENIX CONTACT 1212224 Datasheet HTML 5Page - PHOENIX CONTACT 1212224 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/gb/products/1513431
12/22/2016   Page 4 / 6
Connector - SACC-M12MR-5CON-PG9 - 1513431
Classifications
UNSPSC
UNSPSC 13.2
39121413
Approvals
Approvals
Approvals
EAC / EAC / UL Recognized / cUL Recognized / cULus Recognized
Ex Approvals
Approval details
EAC 
 
 EAC-Zulassung
EAC 
 
 7500651.22.01.00246
UL Recognized 
  http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE221474
 
 
Nominal current IN
4 A
Nominal voltage UN
60 V
cUL Recognized 
  http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE221474
 
 
Nominal current IN
4 A
Nominal voltage UN
60 V
cULus Recognized 
  http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com