Electronic Components Datasheet Search
  English  ▼

X  

RX414110C Datasheet(PDF) 1 Page - Tyco Electronics

Part # RX414110C
Description  Power PCB Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RX414110C Datasheet(HTML) 1 Page - Tyco Electronics

  RX414110C Datasheet HTML 1Page - Tyco Electronics RX414110C Datasheet HTML 2Page - Tyco Electronics RX414110C Datasheet HTML 3Page - Tyco Electronics RX414110C Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power PCB Relay RX
1 pole (12 or 16 A) or 2 pole (8 A)
DC or AC-coil
Features
• 1 C/O or 1 N/O or 2 C/O contacts
• DC- or AC-coil
• 4 kV / 8 mm coil-contact
• Reinforced insulation (protection class II)
• Height 15.7 mm
• transparent cover optional
Applications
Domestic appliances, heating control, emergency lighting
VZ
Approvals in process
Contact data
Configuration
1 C/O or 1 N/O
2 C/O
Type of contact
single contact
Rated current
12 A
16 A
8 A
Rated voltage / max.breaking voltage AC
250 Vac / 440 Vac
Maximum breaking capacity AC
3000 VA 4000 VA
2000 VA
Contact material
AgNi 90/10
Coil data
Nominal voltage
DC coil
5...110 Vdc
AC coil
24...230 Vac
Nominal coil power
DC coil
500 mW
AC coil
0.75 VA
Operate category
2
Coil versions, DC-coil
Coil
Nominal
Pull-in
Release
Maximum
Coil
Coil
code
voltage
voltage
voltage
voltage
resistance
current
Vdc
Vdc
Vdc
Vdc
c
mA
005
5
3.5
0.5
9.8
50+5%
100.0
006
6
4.2
0.6
11.8
68+5%
87.7
012
12
8.4
1.2
23.5
274+5%
43.8
024
24
16.8
2.4
47.0
1095+5%
21.9
048
48
33.6
4.8
94.1
4380+5%
11.0
060
60
42.0
6.0
117.6
6845+5%
8.8
110
110
77.0
11.0
215.6
23010+5%
4.8
All figures are given for coil without preenergization, at ambient temperature +20°C
Other coil voltages on request
1pole


Similar Part No. - RX414110C

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
RX410 SYNOLOGY-RX410 Datasheet
409Kb / 1P
Synology RX410
logo
Epson ToYoCom
RX4111CE EPSONTOYOCOM-RX4111CE Datasheet
412Kb / 2P
Real Time Clock Module
logo
Synology Inc.
RX415V2 SYNOLOGY-RX415V2 Datasheet
300Kb / 2P
Expansion Unit RX415
RX418 SYNOLOGY-RX418 Datasheet
294Kb / 3P
Expansion Unit RX418
More results

Similar Description - RX414110C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G2R-K-1AZ4-TE OMRON-G2R-K-1AZ4-TE Datasheet
2Mb / 14P
PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com