Electronic Components Datasheet Search
  English  ▼

X  

110061362 Datasheet(PDF) 4 Page - Seeed Technology Co.,Ltd.

Part # 110061362
Description  reComputer J1010
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

110061362 Datasheet(HTML) 4 Page - Seeed Technology Co.,Ltd.

  110061362 Datasheet HTML 1Page - Seeed Technology Co.,Ltd. 110061362 Datasheet HTML 2Page - Seeed Technology Co.,Ltd. 110061362 Datasheet HTML 3Page - Seeed Technology Co.,Ltd. 110061362 Datasheet HTML 4Page - Seeed Technology Co.,Ltd. 110061362 Datasheet HTML 5Page - Seeed Technology Co.,Ltd. 110061362 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. 110061362 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 110061362 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 110061362 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Module Technical Specifications
GPU
CPU
Memory
Storage
Video Encode
NVIDIA Maxwell™ architecture with 128 NVIDIA CUDA® cores
0.5 TFLOPs (FP16)
Quad-core ARM® Cortex®-A57 MPCore processor
4 GB 64-bit LPDDR4 1600MHz - 25.6 GB/s
16 GB eMMC 5.1 Flash
250 MP/sec; 1x 4K @ 30 (HEVC); 2x 1080p @ 60 (HEVC)
4x 1080p @ 30 (HEVC); 4x 720p @ 60 (HEVC); 9x 720p @ 30 (HEVC)
Video Decode
500 MP/sec; 1x 4K @ 60 (HEVC); 2x 4K @ 30 (HEVC)
4x 1080p @ 60 (HEVC); 8x 1080p @ 30 (HEVC); 9x 720p @ 60 (HEVC)
Connectivity
Display
UPHY
I/O
Wi-Fi requires external chip
Camera
12 lanes (3x4 or 4x2) MIPI CSI-2 DPHY 1.1 (18 Gbps)
10/100/1000 BASE-T Ethernet
HDMI 2.0 or DP1.2 | eDP 1.4 | DSI (1 x2) 2 simultaneous
1 x1/2/4 PCIE, 1x USB 3.0, 3x USB 2.0
1x SDIO / 2x SPI / 4x I2C / 2x I2S / GPIOs -> I2C, I2S
Size
Mechanical
69.6 mm x 45 mm
260-pin edge connector
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com