Electronic Components Datasheet Search
  English  ▼

X  

471-032 Datasheet(PDF) 2 Page - Digilent

Part # 471-032
Description  Blank Canvas
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGILENT [Digilent]
Direct Link  https://digilent.com/
Logo DIGILENT - Digilent

471-032 Datasheet(HTML) 2 Page - Digilent

  471-032 Datasheet HTML 1Page - Digilent 471-032 Datasheet HTML 2Page - Digilent 471-032 Datasheet HTML 3Page - Digilent 471-032 Datasheet HTML 4Page - Digilent  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The Blank Canvas provides a large prototyping surface for the Analog Discovery Studio and 
connections to the six power supplies (3.3V, 5V, ±12V, ± variable). The large prototyping surface 
has been wired in the configuration of two standard breadboards with 3 power rails for 
convenience. The connections to the power supplies are available as copper pads that can be 
soldered on directly, or the included power supply breadboard can be soldered on for a 
solderless connection. Eleven breakouts are provided at the top of the board for common IC 
package types. Two solderless breadboards can be optionally added to provide a solderless 
breadboard surface. 
 
Note: The two optional solderless breadboards come unattached and can be affixed via the 
included sticky back. Once they are attached they cannot be removed. The power supply 
breadboard is included (not attached) and can be soldered on. 
 
 
 
What's 
Included: 
Blank Canvas:
Blank Canvas 
2x12 power breadboard 
(not attached) 
Plastic Canvas Case 
Blank Canvas with
Breadboard:
Blank Canvas 
2x12 power breadboard 
(not attached) 
Plastic Canvas Case 
Regular‐sized breadboard 
with two power rails 
Regular‐sized breadboard 
with one power rail 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com