Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD200A Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD200A
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD200A Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN65MLVD200A Datasheet HTML 10Page - Texas Instruments SN65MLVD200A Datasheet HTML 11Page - Texas Instruments SN65MLVD200A Datasheet HTML 12Page - Texas Instruments SN65MLVD200A Datasheet HTML 13Page - Texas Instruments SN65MLVD200A Datasheet HTML 14Page - Texas Instruments SN65MLVD200A Datasheet HTML 15Page - Texas Instruments SN65MLVD200A Datasheet HTML 16Page - Texas Instruments SN65MLVD200A Datasheet HTML 17Page - Texas Instruments SN65MLVD200A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
5
10
15
20
25
30
−40
−15
10
35
60
85
TA − Free-Air Temperature − °C
VCC = 3.3 V
f = 50 MHz
VID = 200 mV
VIC = 1 V
Rx
Tx
0
5
10
15
20
10
20
30
40
50
f − Frequency − MHz
Tx
Rx
VCC = 3.3 V
VID = 200 mV
VIC = 1 V
TA = 25°C
−90
−60
−50
−40
−30
−20
0
1
2
4
VOH − High Level Output Voltage − V
3
−80
−70
VCC = 3.0 V
−10
0
VCC = 3.6 V
VCC = 3.3 V
TA = 25°C
0
30
40
50
60
70
0
1
2
4
VOL − Low Level Output Voltage − V
3
10
20
VCC = 3.6 V
VCC = 3.3 V
VCC = 3.0 V
TA = 25°C
SN65MLVD200A, SN65MLVD202A
SN65MLVD204A, SN65MLVD205A
SLLS573 – DECEMBER 2003
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
FREQUENCY
FREE-AIR TEMPERATURE
Figure 13.
Figure 14.
RECEIVER LOW-LEVEL OUTPUT CURRENT
RECEIVER HIGH-LEVEL OUTPUT CURRENT
vs
vs
LOW-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
Figure 15.
Figure 16.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com