Electronic Components Datasheet Search
  English  ▼

X  

MGS.01 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MGS.01
Description  Synergy Series Gasket for Ford Explorer Vehicles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MGS.01 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MGS.01 Datasheet HTML 1Page - Taoglas antenna solutions MGS.01 Datasheet HTML 2Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
Technical Specification
Overview
Synergy Series Gasket for Ford Explorer Vehicles
The Taoglas MGS.01 is a robust rubber gasket mount, designed to be mounted on the roof ribs of the Ford Explorer, ensuring a secure and
weather-tight seal. With a unique design, when mounted on the Ford Explorerʼs roof ribs, the rubber gasket, accommodates the 59mm rib
and maintaining a height of less than 80mm, which is essential to ensure the seamless integration of the Synergy Series Antennas while
maintaining the vehicleʼs functionality, aesthetics, and weather resistance.
Main benefits:
• Compatibility: The gasket must be compatible with the Synergy Series.
• Roof Rib Fitment: The gasket must be designed to fit precisely over the 59mm roof rib.
• Sealing Properties: The gasket creates an e ective seal between the Synergy Series Antennas and the vehicleʼs roof.
• Easy Installation: The design facilitates straightforward installation, allowing for e icient mounting on the roof ribs.
Contact your regional Taoglas customer support team for further information. This bracket is fully compatible with all of our standard
Synergy Series. See below:
Number of Antennas Part Number
4-in-1 MA1504.AK.001
5-in-1 MA1505.AK.001
MA1555.A.001
6-in-1 MA1506.AK.001
8-in-1 MA1508.AK.001
9-in-1 MA1509.AK.001
MA1509.AK.005
MA1509.AK.012
MA1559.A.001
MA1609.A.001
11-in-1 MA1511.AK.005
Related Products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com