Electronic Components Datasheet Search
  English  ▼

X  

SP44-6 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP44-6
Description  44MHz SAW Filter 6MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP44-6 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP44-6 Datasheet HTML 1Page - SIPAT Co,Ltd SP44-6 Datasheet HTML 2Page - SIPAT Co,Ltd SP44-6 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP44-6
Rev. Date
2005-12-21
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
44MHz SAW Filter
6MHz Bandwidth
Part Number:SP44-6
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
43.9
44
44.1
Insertion Loss
dB
-
21
22
1 dB Bandwidth
MHz
5.5
5.7
-
3 dB Bandwidth
MHz
6
6.1
-
40 dB Bandwidth
MHz
-
7.58
7.67
50 dB Bandwidth
MHz
-
7.73
-
Passband Variation
dB
-
0.4
0.5
Absolute Delay
usec
-
2.35
-
Group Delay Variation(f0±2.5MHz)
nsec
-
50
-
Ultimate Rejection
dB
50
59
-
Material Temperature coefficient
KHz/°C
-3.608
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - SP44-6

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP44-8 SIPAT-SP44-8 Datasheet
42Kb / 1P
SAW Filter Electrical Characteristic
More results

Similar Description - SP44-6

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT14078 SIPAT-LBT14078 Datasheet
283Kb / 3P
140MHz SAW Filter 6MHz Bandwidth
LB140DS32 SIPAT-LB140DS32 Datasheet
178Kb / 3P
140MHz SAW Filter 6MHz Bandwidth
LBN04403 SIPAT-LBN04403 Datasheet
145Kb / 3P
44MHz SAW Filter 12MHz Bandwidth
LBN04405 SIPAT-LBN04405 Datasheet
145Kb / 3P
44MHz SAW Filter 18MHz Bandwidth
LBN14079 SIPAT-LBN14079 Datasheet
140Kb / 3P
140MHz SAW Filter 44MHz Bandwidth
LBN14079 SIPAT-LBN14079 Datasheet
146Kb / 3P
140MHz SAW Filter 44MHz Bandwidth
LBT10603 SIPAT-LBT10603 Datasheet
149Kb / 3P
106.2MHz SAW Filter 6MHz Bandwidth
LBT11521 SIPAT-LBT11521 Datasheet
145Kb / 3P
115MHz SAW Filter 6MHz Bandwidth
LBT12005 SIPAT-LBT12005 Datasheet
149Kb / 3P
120MHz SAW Filter 6MHz Bandwidth
LBT42301 SIPAT-LBT42301 Datasheet
194Kb / 3P
422.5MHz SAW Filter 6MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com