Electronic Components Datasheet Search
  English  ▼

X  

1LS1 Datasheet(PDF) 18 Page - Honeywell Solid State Electronics Center

Part # 1LS1
Description  General Purpose Limit Switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1LS1 Datasheet(HTML) 18 Page - Honeywell Solid State Electronics Center

Back Button 1LS1 Datasheet HTML 14Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 15Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 16Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 17Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 18Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 19Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 20Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 21Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 22Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
18 sensing.honeywell.com
LS Series
Table 19. Side Plunger
Compact
20 mm
conduit
Compact
PG 13,5
conduit
Plug-in less
base*
Description
Electrical
Rating
(Table 2)
Operating
Torque or
Force
Bar Chart1
Free
Position
(nom.)
Operate Point
Pretravel
(max.)
Overtravel
(min.)
Differen-
tial Travel
(max.)
Notes
4LS1-4C
4LS1-4PG
204LS1-4
Side pin plunger (SST)
J
40,1 N
[9.01 lb]
TT
1-2
3-4
57,27 54,5
48,94
3-4
1-2
OP
FP
DT = 1,0
55,5
57,27 mm
54,5 mm ±1,2 mm
[2.15 in ±0.047 in]
2,77 mm
[0.109 in]
5,56 mm
[0.219 in]
1,0 mm
[0.039 in]
–
3LS1-4C
3LS1-4PG
203LS1-4
Side roller plunger (SST)
J
40,1 N
[9.01 lb]
TT
1-2
3-4
70,37 67,6
62,04
3-4
1-2
OP
FP
DT = 1,0
68,6
70,37 mm
67,6 mm ±1,2 mm
[2.66 in ±0.047 in]
2,77 mm
[0.109 in]
5,56 mm
[0.219 in]
1,0 mm
[0.039 in]
Roller plunger may be locked in a
position through 360°
1
Contact closed n; Contact open o. NOTE: Bar chart measurements are in millimeters.
* Requires an 18PA1-4C Terminal Block (20 mm conduit threads) or 18PA1-4PG Terminal Block (PG13,5 conduit threads) ordered separately. Terminal block is base receptacle.
Table 20. Wobble, Coil Spring
Compact
20 mm
conduit
Compact
PG 13,5
conduit
Plug-in less
base*
Description
Electrical
Rating
(Table 2)
Operating Torque or
Force
Bar Chart1
Operate Point2
Pretravel
(max.)
Overtravel
(min.)
Differen-
tial Travel
(max.)
Notes
8LS1-4C
8LS1-4PG
208LS1-4
Wobble, random motion 141 mm [5.55 in]
stranded steel cable
J
1,39 N [5.0 oz]
TT
1-2
3-4
0
28,6
59,3
3-4
1-2
OP
FP
(nom.)
RP
28,6 mm
[1.125 in]
28,6 mm
[1.125 in]
30,7 mm
[1.21 in]
–
–
8LS3-4C
8LS3-4PG
208LS3-4
Wobble actuated, random motion 141 mm [5.55 in]
aluminum rod
J
1,39 N [5.0 oz]
28,6 mm
[1.125 in]
28,6 mm
[1.125 in]
30,7 mm
[1.21 in]
–
–
8LS125-4C
8LS125-4PG
208LS125-4
Wobble actuated, random motion 191 mm [7.53 in]
stainless steel cat whisker
J
0,28 N [1.0 oz]
TT
1-2
3-4
0
63,5
127
3-4
1-2
OP
FP
(nom.)
RP
63,5 mm
[2.5 in]
63,5 mm
[2.5 in]
63,5 mm
[2.5 in]
–
–
8LS152-4C
8LS152-4PG
208LS152-4
Wobble actuated, random motion 141 mm [5.55 in]
stainless steel coil spring
J
1,39 N [5.0 oz]
TT
1-2
3-4
0
28,6
59,3
3-4
1-2
OP
FP
(nom.)
RP
28,6 mm
[1.125 in]
28,6 mm
[1.125 in]
30,7 mm
[1.21 in]
–
–
1
Contact closed n; Contact open o. NOTE: Bar chart measurements are in millimeters.
*Requires an 18PA1 Terminal Block (base receptacle) which must be ordered separately. 18PA1 terminal block has 0.5-14 NPT conduit threads.
2
Operating position in any direction except pull.
MICRO SWITCH™ LS SERIES ORDER GUIDE/RECOMMENDED LISTINGS (FOR EMEA/EUROPE)
For listings not shown, contact your Honeywell representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com