Electronic Components Datasheet Search
  English  ▼

X  

1LS2-L Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # 1LS2-L
Description  General Purpose Limit Switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1LS2-L Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  1LS2-L Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1LS2-L Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1LS2-L Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1LS2-L Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1LS2-L Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1LS2-L Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1LS2-L Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1LS2-L Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1LS2-L Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4 sensing.honeywell.com
LS Series
MICRO SWITCH™ LS SERIES PRODUCT NOMENCLATURE
Switch body
Compact
SPDT
SPDT
Plug-
in less
base
Switch style
Prod-
uct
family
Actuator
code
Actuator description
Modifications
(may be applied to most
configurations)
1
201
side rotary
(momentary)
CW and CCW
actuation. Field
adjustable for CW
and CCW
LS
1
standard with 38,1 mm fixed length lever
with steel roller
(blank)
0.5-14 NPT conduit
-L
UL/CSA certified with 0.5-14
NPT conduit
-4C
CE with 20 mm conduit
-4PG
CE with PG 13,5 mm conduit
19
low pretravel with 38,1 mm fixed length
lever with steel roller
6
low operating torque with 38,1 mm fixed
length lever with steel roller
131
low pretravel, low operating torque with
38,1 mm fixed length lever with steel roller
3
standard with adjustable length lever,
38 mm to 89 mm with nylon roller
10
standard with adjustable 127 mm
aluminum rod
2
standard, no lever
9
low pretravel with no lever
23
low operating torque with no lever
56
low pretravel, low operating torque with
no lever
2
202
top pin plunger
LS
1
standard
n/a
top pin plunger
111
plunger boot seal
3
203
side roller plunger
LS
1
standard
4
204
side pin plunger
LS
1
standard
5
205
top roller plunger
LS
1
standard
n/a
top roller plunger
8
plunger boot seal
6
206
two position side
rotary (maintained)
LS
1
standard with 38,1 mm fixed length fork
lever with roller
2
no lever
7
n/a
side rotary enclo-
sure mount
LS
1
standard with 38,1 mm fixed length lever
with steel roller
8
208
wobble actuator
LS
1
steel coil spring, 141 mm
208
wobble actuator
3
aluminum rod, 141 mm
208
wobble actuator
125
cat whisker, 191 mm
208
wobble actuator
152
stainless steel coil spring,
141 mm
Not all combinations are available. Please contact your Honeywell provider/representative for assistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com