Electronic Components Datasheet Search
  English  ▼

X  

646 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # 646
Description  Plugs and Adaptors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

646 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  646 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 646 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Plugs and Adaptors
TECHNICAL DATA SHEET
Plugs and Adaptors
1:2
Standards and approvals
All 13 amp standard safety plugs conform to BS 1363:
Part 1: 1995. All 13 amp tough plugs and Duraplug
rubber plugs conform to BS1363/A: Part 1: 1995. All the
above plugs are third party approved and licensed by
ASTA.
Round pin plugs comply with BS 546.
Non-standard safety plugs and 13 amp cable couplers
comply with BS 1363: Part 1: 1995 where applicable.
PRODUCT RANGE
13 amp plugs
Safety plug
646 WHI/CHA
Non-standard safety plug
647 WHI/CHA
Toughplug
655 WHI/BLK/ORG/RED
Duraplug rubber plugs
PF133 WHI/ORG/BLK
Round pin rubber plugs
15 amp
P153 BLK
5 amp
P53 BLK
Round pin plugs
2 amp
502 WHI
5 amp
505 WHI
15 amp – resilient cover
515 WHI
2 amp fused
639 WHI
5 amp fused
641 WHI
15 amp fitted with 5 amp fuse 643 WHI
Adaptors
13 amp two way unfused
696 WHI
Shaver fitted with 1 amp fuse 698 PPK
13 amp plugs
All MK standard 13 amp plugs can be used on
ring and radial circuits and are available with
13 amp fuses or 3 amp fuses.
Duraplug standard 13 amp plugs are supplied
with 13 amp fuses; however, alternative fuse
ratings are available to special order.
Round pin plugs
Available unfused at 2, 5 and 15 amp. They
can also be supplied fused, the 15 amp fitted
with a 5 amp fuse. The British Standard does
not allow the 15 amp plug to be fused higher
than 5 amp. The 15 amp plug is normally
used on a radial system which is protected by
a 20 amp protective device.
Non standard safety plug
Not third party approved as the earth pin is ‘T’
shaped, although the pin configuration con-
forms to BS 1363 pin centres. This plug is
designed specifically for use with MK non
standard sockets, e.g. K1257 WHI – Logic Plus
1 gang 13 amp switched, non standard
socket outlet.
Adaptors
Both the 13 amp two way adaptor and the
shaver adaptor are designed to BS1363: Part
3: 1995. The two way adaptor is unfused and
has two shuttered 13 amp socket outlets. The
unique feature of the shaver adaptor is the
raised wall on the socket face which restricts
the size of plug which can be inserted to the
typical shaver plug.
Description
©2001 MK Electric Limited The Arnold Centre, Paycocke Road, Basildon, Essex SS14 3EA, United Kingdom Tel: +44 (0)1268 563720 Fax: +44 (0)1268 563064 email: more@mkelectric.co.uk www.mkelectric.co.uk
Edition 07-01


Similar Part No. - 646

ManufacturerPart #DatasheetDescription
logo
Littelfuse
646 LITTELFUSE-646 Datasheet
113Kb / 1P
MINIATURE FUSEHOLDERS
logo
Mallory performance clu...
646 MALLORY-646 Datasheet
198Kb / 8P
WINDOW RPM ACTIVATED SWITCH
logo
Advanced Energy Industr...
646 ADVANCEDENERGY-646 Datasheet
131Kb / 4P
TREK 646
logo
Littelfuse
646 LITTELFUSE-646 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Walther-Werke
646 WALTHER-646 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 646

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD-A-88K ETC-GD-A-88K Datasheet
138Kb / 1P
MODULAR JACKS AND PLUGS
logo
Superworld Electronics
WH030100 SUPERWORLD-WH030100 Datasheet
140Kb / 3P
Linear Adaptors
WS030050 SUPERWORLD-WS030050 Datasheet
66Kb / 2P
Linear Adaptors
WW030500 SUPERWORLD-WW030500 Datasheet
161Kb / 4P
Linear Adaptors
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
PLUGS AND CABLES
logo
Switchcraft, Inc.
RAPC752 SWITCH-RAPC752 Datasheet
352Kb / 1P
JACKS AND PLUGS
491 SWITCH-491 Datasheet
28Kb / 1P
LED INDICATORS, DUMMY PLUGS AND HOLE PLUGS
logo
Assmann Electronics Inc...
IEEE1394 ASSMANN-IEEE1394 Datasheet
108Kb / 1P
USB Adaptors, IEEE 1394 Cables and Adaptors
logo
List of Unclassifed Man...
6030 ETC2-6030 Datasheet
373Kb / 1P
PLUGS AND JACKS
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
Plugs and Adaptors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com