Electronic Components Datasheet Search
  English  ▼

X  

FP5000 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # FP5000
Description  Configurable Pressure Transducer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

FP5000 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  FP5000 Datasheet HTML 1Page - Honeywell Solid State Electronics Center FP5000 Datasheet HTML 2Page - Honeywell Solid State Electronics Center FP5000 Datasheet HTML 3Page - Honeywell Solid State Electronics Center FP5000 Datasheet HTML 4Page - Honeywell Solid State Electronics Center FP5000 Datasheet HTML 5Page - Honeywell Solid State Electronics Center FP5000 Datasheet HTML 6Page - Honeywell Solid State Electronics Center FP5000 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Sensing and Internet of Things
5
CONFIGURABLE PRESSURE TRANSDUCER, MODEL FP5000
Figure 1. Product Nomenclature
NF G
1 BR 1AK 2AM 5F 6M 7BA
Product Series
Type
NF FP5000 pressure transducer
G Gage
A Absolute
V Vacuum
B Barometric (UG, UQ, UR only)
C Compound (consult factory)
psi
AN*
AP*
AT
AV
BJ
BL
BM
BN
BP
BR
CJ
CL
CN
CP
CQ
CR
CS
CT
CV
DJ
DL
DM
DN
DR
0.5 psi
1 psi
5 psi
10 psi
15 psi
25 psi
30 psi
50 psi
75 psi
100 psi
150 psi
200 psi
250 psi
300 psi
400 psi
500 psi
600 psi
750 psi
1000 psi
1500 psi
2000 psi
2500 psi
3000 psi
5000 psi
bar
ME
MF
NA
MG
NB
MH
MI
MJ
NC
MK
ND
ML
NE
MY
NG
1 bar
2 bar
3.5 bar
5 bar
7 bar
10 bar
20 bar
30 bar
35 bar
50 bar
70 bar
100 bar
135 bar
200 bar
350 bar
kPa
35 kPa
100 kPa
200 kPa
300 kPa
700 kPa
1000 kPa
1500 kPa
3000 kPa
5000 kPa
7000 kPa
10000 kPa
in-Hg
UG
UQ
UR
30 in-Hg
16-32 in-Hg
26-32 in-Hg
in-H
2O
WA*
WC*
WE*
WG*
10 in-H
2O
20 in-H
2O
30 in-H
2O
50 in-H
2O
Range
Temperature Compensation
1AK 0°C to 60°C [40°F to 140°F]
1Y1 -20°C to 80°C [0°F to 180°F]
1AP1 -40°C to 85°C [-40°F to 185°F]
1BA2 -40°C to 125°C [-40°F to 250°F]
Output
2AM 4 mA to 20 mA
2AN 0 Vdc to 5 Vdc
2AP 0 Vdc to 10 Vdc
2AR 4 mA to 20 mA Intrinsically Safe
(see Table 11 for certifications)
Pressure Port
5A
1/4-18 NPT female
5B
1/4-18 NPT male
5D
7/16-20 UNF male
5F
G1/4 B female
5G
G1/4 B male
5P
M12 x 1.5 male
5AE 1/2-14 NPT male
5I
1/8-27 NPT male
Electrical Connection
6A
PT02A-10-6P, 6-pin
6M DIN A 43650, 4-pin
6BO DIN C, 4-pin
6Q
Integral cable, 5 feet#
6R
Conduit fitting with 5 feet# cable
6BJ M12 x 1 (IEC 61076-2-101 style AM), 4-pin
Wiring
7BA Standard
7BB Alternative
Calibration
5-point calibration at 77°F
9A
9-point calibration at 77°F
1
1Y and 1AP not available for pressure ranges below 5 psi [0.35 bar]
2
1BA not available for pressure ranges below 50 psi [3.5 bar]
KD
KF
KG
KH
KJ
KL
KM
KQ
KR
KS
KT
Accuracy
1 0.10 %*
2 0.20 %
More ranges are available.
Please consult Honeywell for options.
* Not available in absolute pressure type
Ranges with blue highlight (greater than 100 kPa, 15 psi, 1 bar)
are NOT available in Vacuum.
,,
,,
,
#
Consult factory for other cable lengths
*
Not available in ranges < 2 psi
SAMPLE CATALOG LISTINGS
Order Code
Description
NFA1BM,1AK,2AP,5A,6A,7BA
Model FP5000; 0.10% accuracy; 30 psi absolute;
compensated across 0°C to 60°C [40°F to 140°F];
0 Vdc to 10 Vdc output; 1/4-18 NPT female port;
PT02A-10-6P 6-pin electrical connector; standard wiring
NFG2DR,1Y,2AR, 5G,6Q,7BB
Model FP5000; 0.20% accuracy; 5000 psi gage;
compensated across -20°C to 80°C [0°F to 180°F];
Intrinsically Safe 4 mA to 20 mA output; G 1/4 B male port;
5 ft long integral cable; alternative wiring



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com