Electronic Components Datasheet Search
  English  ▼

X  

L191 Datasheet(PDF) 15 Page - Honeywell Solid State Electronics Center

Part # L191
Description  Commercial-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

L191 Datasheet(HTML) 15 Page - Honeywell Solid State Electronics Center

Back Button L191 Datasheet HTML 9Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 10Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 11Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 12Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 13Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 14Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 15Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 16Page - Honeywell Solid State Electronics Center L191 Datasheet HTML 17Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
sensing.honeywell.com
MICRO SWITCH™ Commercial-Grade Toggle Switches
FLAT BASE • STANDARD ACTUATOR OPTIONS, TERMINALS, & DIMENSIONS
Note: Three-position switches shown
31NT91: Single pole, standard lever,
quick-connect terminals
631NT91: Single pole, standard lever,
panel standoff, quick-connect terminals
10,9 mm
[0.43 in]
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
31° ±7° total travel
15° 30’ ±3° 30’
Ø 6,09 mm [Ø 0.24 in]
15/32 - 32 UNS 2A
thread to within
0.060 in of shoulder
Sealed to prevent
entrance of
liquids or dust
17,0 mm [0.67 in]
11,9 mm
[0.47 in]
24,13 mm
[0.95 in]
3X 0.250 in QC terminal
34,8 mm ±0,76 mm
[1.37 in ±0.030 in]
6,1 mm
[0.24 in]
28,4 mm
[1.12 in]
15,7 mm [0.62 in]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
4,8 mm
[0.19 in]
10,9 mm
[0.43 in]
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
31° ±7° total travel
15° 30’ ±3° 30’
Ø 6,09 mm [Ø 0.24 in]
15/32 - 32 UNS 2A
thread to within
0.060 in of shoulder
Sealed to prevent
entrance of
liquids or dust
17,0 mm [0.67 in]
12,45 mm
[0.49 in]
7,4 mm
[0.29 in]
Panel seal
24,13 mm
[0.95 in]
3X 0.250 in
QC terminal
34,8 mm ±0,76 mm
[1.37 in ±0.030 in]
28,4 mm
[1.12 in]
15,7 mm [0.62 in]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
4,8 mm
[0.19 in]
32NT91: Double pole, standard lever,
quick-connect terminals
632NT91: standard lever,
panel standoff, quick-connect terminals
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
10,9 mm
[0.43 in]
17,0 mm [0.67 in]
11,9 mm
[0.47 in]
6,1 mm [0.24 in]
Sealed to prevent
entrance of
liquids or dust
34° ±8° total travel
Ø 6,09 mm [Ø 0.24 in]
17° ±4°
15/32 - 32 UNS 2A
thread to within
1,52 mm [0.060 in]
of shoulder
6X 0.250 in wide
QC terminal
36,12 mm ±0,76 mm
[1.422 in ±0.030 in]
25,15 mm
[0.99 in]
33,53 mm
[1.32 in]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
7,1 mm
[0.28 in]
9,7 mm
[0.38 in]
6,6 mm
[0.26 in]
22,6 mm
[0.89 in]
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
10,9 mm
[0.43 in]
17,0 mm [0.67 in]
12,4 mm
[0.49 in]
7,4 mm [0.29 in]
Sealed to prevent
entrance of
liquids or dust
34° ±8° total travel
Ø 6,09 mm [Ø 0.24 in]
17° ±4°
15/32 - 32 UNS 2A
thread to within
0.060 in of shoulder
6X 0.250 in wide
QC terminal
36,12 mm ±0,76 mm
[1.422 in ±0.030 in]
Panel seal
33,53 mm
[1.32 in]
19,05 mm
[0.75 in]
7,1 mm
[0.28 in]
9,7 mm
[0.38 in]
6,6 mm
[0.26 in]
22,6 mm
[0.89 in]
9,7 mm
[0.38 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com