Electronic Components Datasheet Search
  English  ▼

X  

SP19001 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP19001
Description  IF SAW Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP19001 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP19001 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sichuan Institute of Piezoelectric and Acoustooptic Technology
SP19001 IF SAW Filters
Electrical Characteristic:
Characteristic
Sym
Unit
Spec
Nominal Center Frequency
F0
MHz
190
3dB Bandwidth
∆F
3dB
MHz
0.3
Stop Band Attenuation (from peak level)
1) F0-50MHz … F0-0.5MHz
2) F0-0.5MHz … F0-0.33MHz
3) F0+0.33MHz … F0+0.35MHz
4) F0+0.35MHz … F0+0.5MHz
5) F0+0.5MHz … F0+50MHz
dB
40min
27min
25min
27min
32min
Insertion Loss(at F0 point)
IL
dB
6max
Group Delay Deviation(with F0
±70kHz)
∆T
us
0.7max
Input/Output Impedance (Nominal)
See fig1
Input/Output Impedance(fig1):
Lp1= 270nH;Ls2=160nH;Lc=78nH
This may be changed according to PCB
Frequency Characteristic(fig3):
__________________________________________________________________________________________________ 
      P.O.Box 2513 Chongqing China 400060   Tel:86-23-62805392,62919651   Fax:62805284   email:qinth@263.net 


Similar Part No. - SP19001

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP19001 SIPAT-SP19001 Datasheet
87Kb / 1P
IF SAW Filters
More results

Similar Description - SP19001

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF2005 ACT-ACTF2005 Datasheet
147Kb / 5P
SAW filters
SEPT 04
logo
SIPAT Co,Ltd
SP-233 SIPAT-SP-233 Datasheet
38Kb / 1P
PHS First IF Filters
logo
Faraday Technology
FB281 FARADAY-FB281 Datasheet
89Kb / 2P
SATELLITE IF CHANNEL FILTERS
logo
SIPAT Co,Ltd
SP364 SIPAT-SP364 Datasheet
124Kb / 1P
DECT First IF Filters
SP364 SIPAT-SP364 Datasheet
124Kb / 1P
DECT First IF Filters
SP19001 SIPAT-SP19001 Datasheet
87Kb / 1P
IF SAW Filters
logo
TDK Electronics
B39181B5262H810 TDK-B39181B5262H810 Datasheet
122Kb / 7P
SAW IF filters for base stations
logo
Advanced Crystal Techno...
ACTF2012 ACT-ACTF2012 Datasheet
389Kb / 4P
SAW filters
ACTF139 ACT-ACTF139_10 Datasheet
211Kb / 4P
SAW filters
March 2010
logo
TDK Electronics
B39162B9104P810 TDK-B39162B9104P810 Datasheet
185Kb / 11P
SAW filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com