Electronic Components Datasheet Search
  English  ▼

X  

LIR034 Datasheet(PDF) 1 Page - Multicomp Pro

Part # LIR034
Description  3mm Round Type Infrared LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

LIR034 Datasheet(HTML) 1 Page - Multicomp Pro

  LIR034 Datasheet HTML 1Page - Multicomp Pro LIR034 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
20/09/19
3mm Round Type Infrared LED
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
THE LIR034 is high intensity gallium arsenide infrared emitting diodes encapsulated in blue transparent or water clear plastic
package in T-1 or T-13/4 individually.
Features
• Hi-Radiant intensity
• Low-Average degradation
• Dice Material : GaAlAs /GaAs
• Emitted Colour : Invisible
• Lens Colour : Blue Transparent
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test
Aperture Radiant incidence
Ee
0.2
0.35
-
mW/cm2 If=20mA
Radiant intensity
Ie
8
10
-
mW/sr
If=20mA
Peak Emission Wavelength
λp
-
940
-
nm
If=20mA
Forward Voltage
VF
-
1.2
1.6
v
If=20mA
Spectral Line Half-Width
∆λ
-
50
-
nm
If=20mA
Reverse Current
IR
-
0
100
uA
VR=5V
Viewing Angle
2Ө1/2
-
36
-
Degree
Rise Time
TR
-
-
600
nS
-
Fall Time
TF
-
-
600
nS
-
Absolute Maximum Rating
Parameter
Max. Rating
Unit
Power Dissipation
100
mW
Peak Forward Current(Pulse width = 10us 1% duty cycle)
1
A
Continuous Forward Current
50
mA
Reverse Voltage
5
V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-40°C to +100°C
Lead Soldering Temperature (1/16 inch from Body for 5sec)
260°C
Application
• Remote Control
• Smoke Detector
• Photo Detector
• Burglar Alarm
• Computer I/O Peripheral
• Automatic Control System
• Industrial Use


Similar Part No. - LIR034

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LIR03AF-30 UTC-LIR03AF-30 Datasheet
128Kb / 3P
LED LAMP
LIR03AF-60 UTC-LIR03AF-60 Datasheet
131Kb / 3P
LED LAMP
More results

Similar Description - LIR034

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-3004ED1D FORYARD-FYL-3004ED1D Datasheet
277Kb / 5P
3mm round type led
FYL-3004ED1L FORYARD-FYL-3004ED1L Datasheet
276Kb / 5P
3mm round type led
FYL-3004GD1L FORYARD-FYL-3004GD1L Datasheet
276Kb / 5P
3mm round type led
FYL-3012UBC1A FORYARD-FYL-3012UBC1A_15 Datasheet
285Kb / 5P
3mm round type led
FYL-3014HD1A FORYARD-FYL-3014HD1A_15 Datasheet
275Kb / 5P
3mm round type led
FYL-3014LRD1A FORYARD-FYL-3014LRD1A_15 Datasheet
276Kb / 5P
3mm round type led
FYL-3014LRW1Z FORYARD-FYL-3014LRW1Z Datasheet
277Kb / 5P
3mm round type led
FYL-3014PURC1A FORYARD-FYL-3014PURC1A Datasheet
276Kb / 5P
3mm round type led
FYL-3017RGW1A FORYARD-FYL-3017RGW1A Datasheet
285Kb / 5P
3mm round type led
FYL-3019SGW1A-CA FORYARD-FYL-3019SGW1A-CA Datasheet
286Kb / 5P
3mm round type led
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com