Electronic Components Datasheet Search
  English  ▼

X  

SP45001 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP45001
Description  450MHz Low-loss SAW Filter 45MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP45001 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP45001 Datasheet HTML 1Page - SIPAT Co,Ltd SP45001 Datasheet HTML 2Page - SIPAT Co,Ltd SP45001 Datasheet HTML 3Page - SIPAT Co,Ltd SP45001 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP45001
Rev. Date
2007-05-06
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
450MHz Low-loss SAW Filter
45MHz Bandwidth
Part Number: SP45001
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
450
-
Insertion Loss(f0±20MHz)
dB
-
20
24
1.5 dB Bandwidth
MHz
40
46.14
-
3 dB Bandwidth
MHz
45
48.27
-
35 dB Bandwidth
MHz
-
56.98
60
Passband Variation(f0±20MHz)
dB
-
1.3
1.5
Absolute Delay
usec
-
0.68
-
Group Delay Variation(f0±20MHz)
nsec
-
40
150
100~420MHz
dB
30
29
-
480~500MHz
dB
30
24
-
Ultimate Rejection
500~1000MHz
dB
30
31
-
Material Temperature coefficient
KHz/°C
-42.3
Ambient Temperature
°C
25
Package Size
SMD7.0*5.0
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - SP45001

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4501 SIPEX-SP4501 Datasheet
137Kb / 13P
EL Plus Piezo Driver
SP4501EN SIPEX-SP4501EN Datasheet
137Kb / 13P
EL Plus Piezo Driver
SP4501EY SIPEX-SP4501EY Datasheet
137Kb / 13P
EL Plus Piezo Driver
SP4501NEB SIPEX-SP4501NEB Datasheet
137Kb / 13P
EL Plus Piezo Driver
logo
Shenzhen Tianyuan Semic...
SP4502 TPOWER-SP4502 Datasheet
580Kb / 7P
Synchronous charge and discharge mobile power SOC
More results

Similar Description - SP45001

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP25001 SIPAT-SP25001 Datasheet
160Kb / 4P
250MHz Low-loss SAW Filter 45MHz Bandwidth
SP30001 SIPAT-SP30001 Datasheet
160Kb / 4P
300MHz Low-loss SAW Filter 45MHz Bandwidth
SP35001 SIPAT-SP35001 Datasheet
160Kb / 4P
350MHz Low-loss SAW Filter 45MHz Bandwidth
SP40001 SIPAT-SP40001 Datasheet
158Kb / 4P
400MHz Low-loss SAW Filter 45MHz Bandwidth
SP50001 SIPAT-SP50001 Datasheet
155Kb / 4P
500MHz Low-loss SAW Filter 45MHz Bandwidth
SP55001 SIPAT-SP55001 Datasheet
155Kb / 4P
550MHz Low-loss SAW Filter 45MHz Bandwidth
SP25001 SIPAT-SP25001 Datasheet
166Kb / 4P
250MHz Low-loss SAW Filter 45MHz Bandwidth
SP30001 SIPAT-SP30001 Datasheet
165Kb / 4P
300MHz Low-loss SAW Filter 45MHz Bandwidth
SP35001 SIPAT-SP35001 Datasheet
165Kb / 4P
350MHz Low-loss SAW Filter 45MHz Bandwidth
SP40001 SIPAT-SP40001 Datasheet
164Kb / 4P
400MHz Low-loss SAW Filter 45MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com