Electronic Components Datasheet Search
  English  ▼

X  

SP75001 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP75001
Description  750MHz Low-loss SAW Filter 50MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP75001 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP75001 Datasheet HTML 1Page - SIPAT Co,Ltd SP75001 Datasheet HTML 2Page - SIPAT Co,Ltd SP75001 Datasheet HTML 3Page - SIPAT Co,Ltd SP75001 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP75001
Rev. Date
2007-04-30
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
750MHz Low-loss SAW Filter
50MHz Bandwidth
Part Number: SP75001
Typical Performance
Frequency Respond
Passband Respond
600
650
700
750
800
850
900
-91.9874
-81.9874
-71.9874
-61.9874
-51.9874
-41.9874
-31.9874
-21.9874
-11.9874
-1.9874
8.0126
Type Performance
Frequency(MHz)
3dB CF = 750.0861MHz
1dB = 33.0004MHz
3dB = 49.9812MHz
35dB = 125.8753MHz
Insert Loss = -1.9874dB
Passband Ripple = 0.012096dB
Ultimate Rejection = 28.0457dB
Group Delay = 3.8287ns
Phase Linearity = 4.8494deg
Absolute Delay = 22.6074ns
Horizontal: 50MHz/Div
Vertical: 10dB/Div
650
700
750
800
850
-3.9874
-3.4874
-2.9874
-2.4874
-1.9874
-1.4874
-0.9874
-0.4874
Horizontal: 50MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±20MHz)
Phase Linearity(f0±20MHz)
700
710
720
730
740
750
760
770
780
790
800
5
10
15
20
25
30
35
40
X: 750
Y: 21.58
Type Performance
Frequency(MHz)
X: 769.9
Y: 26.58
X: 730.1
Y: 29.02
Horizontal: 10MHz/Div
Vertical: 5ns/Div
700
710
720
730
740
750
760
770
780
790
800
-25
-20
-15
-10
-5
0
5
10
15
20
25
X: 750
Y: -1.233
Type Performance
Frequency(MHz)
X: 769.9
Y: -1.961
X: 730.1
Y: 9.758
Horizontal: 10MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com