Electronic Components Datasheet Search
  English  ▼

X  

SP-233 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP-233
Description  PHS First IF Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP-233 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP-233 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
228.15 229.15 230.15 231.15 232.15 233.15 234.15 235.15 236.15 237.15 238.15
-90
-80
-70
-60
-50
-40
-30
-20
-10
233.15 MHz SAWF
Frequency(MHz)
Sichuan Institute of Piezoelectric and Acoustooptic Technology
For PHS First IF Filters (SC04-01 Package)
Electrical Characteristic:
Characteristic
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
233.10
233.15
233.20
3dB Bandwidth
MHz
0.47
0.52
Insertion Loss(at minimum loss point)
dB
14.2
15
Stop Band Attenuation (from peak level)
at F0
±0.6MHz
dB
18
Group Delay Deviation(with F0
±150kHz)
ns
200
300
Input/Output Impedance
Ω
50
Package
SC04-01
Ambient Temperature
°C
25
Input/Output Impedance(fig1):
SC04-01 Package(fig2):
Lp1=27nH,
Lp2=39nH
This may be changed according to PCB.
Frequency Characteristic(fig3):
 
_________________________________________________________________________________________________ 
      P.O.Box 2513 Chongqing China 400060   Tel:86-23-62920684   Fax:62805284   email:sawmkt@sipat.com 
SP 233
232.4 232.55 232.7 232.85
233
233.15 233.3 233.45 233.6 233.75 233.9
1
1.1
1.2
1.3
1.4
1.5
1.6
Frequency(MHz)


Similar Part No. - SP-233

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
SP-2305W SOBERTON-SP-2305W Datasheet
323Kb / 6P
SP DYNAMIC SPEAKER UNIT
SP-2309 SOBERTON-SP-2309 Datasheet
231Kb / 6P
Dynamic Speaker
More results

Similar Description - SP-233

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP233 SIPAT-SP233 Datasheet
54Kb / 1P
PHS First IF Filters
SP361 SIPAT-SP361 Datasheet
123Kb / 1P
DECT First IF Filters
SP1106 SIPAT-SP1106 Datasheet
60Kb / 1P
DECT First IF Filters
SP364 SIPAT-SP364 Datasheet
124Kb / 1P
DECT First IF Filters
SP361 SIPAT-SP361 Datasheet
124Kb / 1P
DECT First IF Filters
SP364 SIPAT-SP364 Datasheet
124Kb / 1P
DECT First IF Filters
logo
Oscilent Corporation
802-RF243.95M-C OSCILENT-802-RF243.95M-C Datasheet
199Kb / 6P
PHS, IF SAW Filter
862-RF243.95M-A OSCILENT-862-RF243.95M-A Datasheet
242Kb / 6P
PHS, IF SAW Filter
803-RF243.95M-A OSCILENT-803-RF243.95M-A_14 Datasheet
336Kb / 7P
PHS, IF SAW Filter
803-RF243.95M-B OSCILENT-803-RF243.95M-B_14 Datasheet
186Kb / 4P
PHS, IF SAW Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com