Electronic Components Datasheet Search
  English  ▼

X  

UE458 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # UE458
Description  SAW Filter Technical Specification
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

UE458 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  UE458 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U E
458
UE 458 Series SAW Filter Technical Specification
Absolute Maximum Rating
Rating
Value
CW RF power Dissipation
+10dBm
DC Voltage between any 2 pins
±30VDC
Operating Temperature
-10 to +50
0C
Electrical Characteristic
Characteristic
Unit
Minimum
Typical
Maximum
Center Frequency (f0)
MHz
457.7
458
458.3
2dB Bandwidth
MHz
3.00
3.69
40dB Bandwidth
MHz
5.69
6.0
50dB Bandwidth
MHz
5.97
-
Insertion Loss
dB
10.00
14
Amplitude Ripple
dB
1.5
2.0
Ultimate Rejection
dB
50
55
Ambient Temperature
0C
25
Package
SC16(15.0×10.4×4.3mm
3)
Substrate Material
36-LiTaO3
Frequency Response
Package Outline
Matching Configuration
450
452
454
456
458
460
462
464
466
-89.9943
-79.9943
-69.9943
-59.9943
-49.9943
-39.9943
-29.9943
-19.9943
-9.9943
Frequency(MHz)
Type performance


Similar Part No. - UE458

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
UE458468 SIPAT-UE458468 Datasheet
65Kb / 1P
SAW Filter Electrical Characteristic
More results

Similar Description - UE458

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN7601L SIPAT-LBN7601L Datasheet
111Kb / 1P
SAW Filter Technical Specification
LBN11002L SIPAT-LBN11002L Datasheet
122Kb / 1P
SAW filter technical specification
LBN11504L SIPAT-LBN11504L Datasheet
48Kb / 1P
SAW Filter Technical Specification
LBS32201 SIPAT-LBS32201 Datasheet
73Kb / 1P
SAW Filter Technical Specification
SP830 SIPAT-SP830 Datasheet
109Kb / 1P
SAW filter technical specification
SP875 SIPAT-SP875 Datasheet
110Kb / 1P
SAW filter technical specification
LBS33.792 SIPAT-LBS33.792 Datasheet
52Kb / 1P
SAW filter technical specification
LBS67.584 SIPAT-LBS67.584 Datasheet
48Kb / 1P
SAW filter technical specification
LBS84.48 SIPAT-LBS84.48 Datasheet
52Kb / 1P
SAW filter technical specification
LBT16.896 SIPAT-LBT16.896 Datasheet
51Kb / 1P
SAW filter technical specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com