Electronic Components Datasheet Search
  English  ▼

X  

RC4560IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # RC4560IPWR
Description  DUAL AUDIO OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4560IPWR Datasheet(HTML) 2 Page - Texas Instruments

  RC4560IPWR Datasheet HTML 1Page - Texas Instruments RC4560IPWR Datasheet HTML 2Page - Texas Instruments RC4560IPWR Datasheet HTML 3Page - Texas Instruments RC4560IPWR Datasheet HTML 4Page - Texas Instruments RC4560IPWR Datasheet HTML 5Page - Texas Instruments RC4560IPWR Datasheet HTML 6Page - Texas Instruments RC4560IPWR Datasheet HTML 7Page - Texas Instruments RC4560IPWR Datasheet HTML 8Page - Texas Instruments RC4560IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Output
VCC+
− Input
+ Input
VCC−
ABSOLUTE MAXIMUM RATINGS
(1)
RC4560
SLOS457A – JANUARY 2005 – REVISED APRIL 2008 ..................................................................................................................................................... www.ti.com
EQUIVALENT CIRCUIT
over operating free-air temperature range (unless otherwise noted)
VCC±
Supply voltage
±18 V
Input voltage (any input)
±15 V
Output current
±50 mA
D package
97
°C/W
θ
JA
Package thermal impedance(2)(3)
P package
85
°C/W
PW package
149
°C/W
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
−60
°C to 125°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): RC4560



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com