Electronic Components Datasheet Search
  English  ▼

X  

LANC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANC
Description  Single and Dual Output DIP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANC Datasheet HTML 1Page - Wall Industries,Inc. LANC Datasheet HTML 2Page - Wall Industries,Inc. LANC Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TO 3 WATTS
LAN C SERIES
WWW
.WALLINDUSTRIES.COM
3
603 778 2300
NOTES:
1. Also available with 48VDC in. To specify, insert “48” in part number in place
of input voltage.
2. 2 watt models available with 3000VDC I/O isolation. Add”H” onto end of part
number for 3000VDC Input/Output isolation. This feature is not available for
3 watt models
all case and pin-to-case dimensions for reference only unless otherwise noted.
6/13/08
3. All DC/DC Converters should be properly fused on front end for protection.
Rev B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com