Electronic Components Datasheet Search
  English  ▼

X  

LANB515R Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANB515R
Description  24 Pin DIP for LAN Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANB515R Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANB515R Datasheet HTML 1Page - Wall Industries,Inc. LANB515R Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TO 2.25 WATTS
LAN B SERIES
2
WWW
.WALLINDUSTRIES.COM
603 778 2300
IIn
np
pu
utt
O
Ou
uttp
pu
utt
O
Ou
uttp
pu
utt
R
Re
eg
gu
ulla
atte
ed
d
M
Mo
od
de
ell
V
Vo
olltta
ag
ge
e
V
Vo
olltta
ag
ge
e
C
Cu
urrrre
en
ntt
o
orr
N
Nu
um
mb
be
err
((V
VD
DC
C))
((V
VD
DC
C))
((m
mA
A))
N
No
on
n--R
Re
eg
g..((S
SE
EE
E N
NO
OT
TE
ES
S))
5
5
360
R
LANB505R
5
9
170
R
LANB509R
5
9
200
N
LANB509N
5
12
125
R
LANB512R
5
12
150
N
LANB512N
5
15
100
R
LANB515R
5
15
120
N
LANB515N
5
±5
180
N
LANB505ND
5
±12
75
R
LANB512RD
5
±15
60
N
LANB515ND
12
5
360
R
LANB1205R
12
9
200
R
LANB1209R
12
9
250
N
LANB1209N
12
12
125
R
LANB1212R
12
12
150
N
LANB1212N
12
15
100
R
LANB1215R
12
±12
75
R
LANB1212RD
12
±15
60
N
LANB1215ND
NOTES:
1. Add “SMT” to end of part number to indicate SMT package.
2. All case and pin-to-case dimensions reference
only unless otherwise noted.
3.Highly isolated 2000V rms available consult factory.
PIN CONNECTIONS
Single
Dual
1 & 24
+ Vin
+ Vin
12 & 13
- Vin
- Vin
11 & 14
+ Vout
+ Vout
10 & 15
- Vout
2 & 23
- Vout
3, 10, 15, 22
Common
SMT
PACKAGE
STANDARD
PACKAGE
11/28/01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com