Electronic Components Datasheet Search
  English  ▼

X  

LED-0603YVC Datasheet(PDF) 2 Page - WAYJUN

Part # LED-0603YVC
Description  1608 SMD LED 0603 SMD LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAYJUN [WAYJUN]
Direct Link  https://www.wayjun.com
Logo WAYJUN - WAYJUN

LED-0603YVC Datasheet(HTML) 2 Page - WAYJUN

  LED-0603YVC Datasheet HTML 1Page - WAYJUN LED-0603YVC Datasheet HTML 2Page - WAYJUN LED-0603YVC Datasheet HTML 3Page - WAYJUN LED-0603YVC Datasheet HTML 4Page - WAYJUN LED-0603YVC Datasheet HTML 5Page - WAYJUN LED-0603YVC Datasheet HTML 6Page - WAYJUN LED-0603YVC Datasheet HTML 7Page - WAYJUN LED-0603YVC Datasheet HTML 8Page - WAYJUN LED-0603YVC Datasheet HTML 9Page - WAYJUN Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1608 SMD LED, 0603 SMD LED
Wayjun Technology Co.,Ltd
- 2 -
www.wayjun.com
1. RED 1608 SMD LED
Absolute Maximum Ratings (Ta = 25℃)
Items
Symbol
Absolute maximum Rating
Unit
Power Dissipation
PD
60
mW
Forward Current(DC)
IF
20
mA
Peak Forward Current *
IFP
60
mA
Reverse Voltage
VR
5
V
Operation Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +90
℃
Soldering Temperature
Tsol
Reflow Soldering:240 /10sec
℃
Hand Soldering: 350 /3sec
℃
*Pulse width 0.1msec
≦
duty 1/10
≦
Typical Electrical & Optical Characteristics ( Ta = 25℃)
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20mA
1.7
2.4
V
Reverse Current
IR
VR = 5V
5
μΑ
Dominant Wavelength
WLD
IF =10mA
620
635
nm
Luminous Intensity
IV
IF = 10mA
80
mcd
50% Power Angle
2θ½
IF = 10mA
120
Deg
Typical Electrical/Optical Characteristics Curves (Ta=25° Unless Otherwise Noted)
Chip
PART NO
Material
Emitted Color
Lens Color
LED-0603RVC
AlGaInP
Red ■
WATER CLEAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com