Electronic Components Datasheet Search
  English  ▼

X  

8134 Datasheet(PDF) 2 Page - Belden Inc.

Part # 8134
Description  8134 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232/485
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8134 Datasheet(HTML) 2 Page - Belden Inc.

  8134 Datasheet HTML 1Page - Belden Inc. 8134 Datasheet HTML 2Page - Belden Inc. 8134 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
120
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/ft)
11
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/ft)
20
Nominal Velocity of Propagation:
VP (%)
78
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
65
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
4.4
Max. Operating Voltage - UL:
Voltage
Description
30 V RMS
UL AWM Style 2919
150 V RMS CL2
Max. Recommended Current:
Current
0.9 Amps per conductor @ 25°C
Notes (Overall)
Notes: Datalene® insulation features include low dielectric constant and a dissipation factor for high-speed, low-distortion data handling. Physical properties include good crush
resistance and light weight.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8134 060100
100 FT
4.300 LB
CHROME
4 PR #28 FHDPE SH PVC
8134 0601000
1,000 FT
39.000 LB
CHROME
C
4 PR #28 FHDPE SH PVC
8134 060500
500 FT
19.500 LB
CHROME
C
4 PR #28 FHDPE SH PVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 2
Revision Date: 10-01-2012
© 2017 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the compliance date may be in stock at Belden facilities
and in our Distributor’s inventory. The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the Product Disclosure, is
correct to the best of Belden’s knowledge, information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide for the
safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification.
Page 2 of 3
01-05-2017
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
8134 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232/485



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com