Electronic Components Datasheet Search
  English  ▼

X  

8135 Datasheet(PDF) 2 Page - Belden Inc.

Part # 8135
Description  8135 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232/485
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8135 Datasheet(HTML) 2 Page - Belden Inc.

  8135 Datasheet HTML 1Page - Belden Inc. 8135 Datasheet HTML 2Page - Belden Inc. 8135 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Min. Bend Radius (Install)/Minor Axis:
2 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CL2
AWM Specification:
UL Style 2919 (30 V 80°C)
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
120
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/ft)
11
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/ft)
20
Nominal Velocity of Propagation:
VP (%)
78
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
65
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
4.2
Max. Operating Voltage - UL:
Voltage
30 V RMS (UL AWM Style 2919); 150 V RMS
Max. Recommended Current:
Current
0.9 Amps per conductor @ 25°C
Notes (Overall)
Notes: Datalene® insulation features include low dielectric constant and a dissipation factor for high-speed, low-distortion data
handling. Physical properties include good crush resistance and light weight.
Put Ups and Colors:
Page 2 of 3
06-23-2009
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
8135 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232/485



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com