Electronic Components Datasheet Search
  English  ▼

X  

8442 Datasheet(PDF) 2 Page - Belden Inc.

Part # 8442
Description  8442 Multi-Conductor - High-Conductivity Copper Speaker Cable Twisted Jacketed Con
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8442 Datasheet(HTML) 2 Page - Belden Inc.

  8442 Datasheet HTML 1Page - Belden Inc. 8442 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 FT4 Loading
CSA Flame Test:
FT4
Suitability
Suitability - Indoor:
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
88442, 82442
Electrical Characteristics (Overall)
Nom. Inductance:
Inductance (µH/ft)
.2
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/ft)
30
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
15.6
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Description
Current
10C Temperature Rise 2.9 Amps per conductor @ 25°C ambient
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8442 060U1000
1,000 FT
16.000 LB
CHROME
2 #22 PVC PVC
8442 060U500
500 FT
8.500 LB
CHROME
2 #22 PVC PVC
8442 060100
100 FT
2.200 LB
CHROME
2 #22 PVC PVC
8442 0601000
1,000 FT
16.000 LB
CHROME
C
2 #22 PVC PVC
8442 06010000
10,000 FT
160.000 LB
CHROME
C Y
2 #22 PVC PVC
8442 060500
500 FT
8.000 LB
CHROME
2 #22 PVC PVC
8442 0605000
5,000 FT
80.000 LB
CHROME
C Z
2 #22 PVC PVC
Notes:
C = CRATE REEL PUT-UP.
Y = FINAL PUT-UP LENGTH MAY VARY -10% TO +20% FROM LENGTH SHOWN.MAY CONTAIN 2 PIECES. MINIMUM LENGTH OF ANY ONE PIECE IS 1500'.
Z = FINAL PUT-UP LENGTH MAY VARY (+ OR -) 10% FOR SPOOLS OR REELS AND(+ OR -) 5% FOR UNREEL CARTONS FROM LENGTH SHOWN.
Revision Number: 2
Revision Date: 08-06-2013
© 2016 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the compliance date may be in stock at Belden facilities
and in our Distributor’s inventory. The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the Product Disclosure, is
correct to the best of Belden’s knowledge, information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide for the
safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification.
Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the
product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 2014/35/EU).
Page 2 of 2
08-26-2016
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
8442 Multi-Conductor - High-Conductivity Copper Speaker Cable Twisted Jacketed Con



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com