Electronic Components Datasheet Search
  English  ▼

X  

MGDI-10 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MGDI-10
Description  Industrial DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDI-10 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MGDI-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers MGDI-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDI-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDI-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDI-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDI-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDI-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers MGDI-10 Datasheet HTML 10Page - List of Unclassifed Manufacturers MGDI-10 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
For locations, phone, fax, E-Mail see back cover
7
Industrial
Grade
MGDI-10 Standard Input Series
Gaia Converter FC97-006.03/06 Revision M
©
5
9- Thermal Characteristics
Characteristics
Conditions
Limit or typical
Performances
Operating ambient temperature
range at full load
Ambient temperature *
Minimum
Maximum
- 40°C
+ 71°C
Operating case temperature
range at full load
Case temperature
Minimum
Maximum
- 40°C
+95°C
Storage temperature range
Non functionning
Minimum
Maximum
- 40°C
+ 105°C
Thermal resistance
Rth case to ambient in free air
natural convection
Typical
12°C /W
Note * : The upper temperature range depends on configuration, the user must assure a max. case temperature of + 95°C.
10
100
30
80
70
60
90
20
40
50
25%
75%
50%
100%
Power (W)
Temperature (˚C)
Full load ambient temperature without derating : 71˚C
Maximum case temperature : 95˚C
Natural convection operation area
Additionnal cooling operation area
Maximum storage temperature : 105˚C
The MGDI-10 series operating case temperature must not exceed 95°C. The maximum ambient temperature admissible for
the DC/DC converter corresponding to the maximum operating case temperature of 95°C depends on the ambient airflow,
the mounting/orientation, the cooling features and the power dissipated.
To calculate a maximum admissible ambient temperature the following method can be used. Knowing the maximum case
temparature Tcase = 95°C of the module, the power used Pout and the efficienc
y
η :
• determine the power dissipated by the module Pdiss that should be evacuated :
Pdiss = Pout(1/
ηηηηη - 1)
• determine the maximum ambient temperature :
Ta = 95°C - Rth x Pdiss
where Rth is the thermal resistance from the case to ambient.
The previous thermal calculation shows two areas of operation :
• a normal operation area in a free natural ambient convection (grey area in this following graph),
• an area with cooling features (air flow or heatsink) ensuring a maximum case temperature below the maximum
operating case temperature of 95°C (white area in the following graph).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com