Electronic Components Datasheet Search
  English  ▼

X  

AP5002 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP5002
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5002 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP5002 Datasheet HTML 1Page - Diodes Incorporated AP5002 Datasheet HTML 2Page - Diodes Incorporated AP5002 Datasheet HTML 3Page - Diodes Incorporated AP5002 Datasheet HTML 4Page - Diodes Incorporated AP5002 Datasheet HTML 5Page - Diodes Incorporated AP5002 Datasheet HTML 6Page - Diodes Incorporated AP5002 Datasheet HTML 7Page - Diodes Incorporated AP5002 Datasheet HTML 8Page - Diodes Incorporated AP5002 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AP5002
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002
Rev. 6
5 of 10
JUNE 2008
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
U1
AP5002
1
2
3
4
5
6
7
8
FB
EN
COMP
VCC
Output
Output
VSS
VSS
C8
0.1uF
C3
0.1uF
C6
0.1uF
C7
0.1uF
C1
330pF
C4
22uF
D1
Dii 723
B340A
L1-(WURTH S05100104)
10uH
1
2
R4
0.8~2K
R1
3.8K
VIN+12V
R2
1.2K
R5
100K
VOUT = 3.3V
C2
22uF
ON/OFF
Compensation Capacitor Selection(MLCC)
VIN
VOUT
R4
C7
C1
12V
5/ 3.3/ 2.5/ 1.8/ 1.5V
0.8~2K
0.1µF
330pF
5V
3.3/ 2.5/ 1.8/ 1.5V
0.8~2K
27nF
330pF
VOUT = 3.3V
10uH
1
2
R1
3.8K
ON/OFF
U1
AP5002
1
2
3
4
5
6
7
8
FB
EN
COMP
VCC
Output
Output
VSS
VSS
R4
4.7~6.8K
C3
0.1uF
C8
0.1uF
C6
0.1uF
C7
33nF
C1
330pF
C4
470uF
D1
B340A
VIN+12V
R2
1.2K
R5
100K
C2
470uF
Dii 723
L1-(WURTH S05100104)
Notes:
4.
VOUT = VFB
)
R2
R1
(1
+
×



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com