Electronic Components Datasheet Search
  English  ▼

X  

TWR-SER2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TWR-SER2
Description  Tower System Development Board Platform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TWR-SER2 Datasheet(HTML) 2 Page - NXP Semiconductors

  TWR-SER2 Datasheet HTML 1Page - NXP Semiconductors TWR-SER2 Datasheet HTML 2Page - NXP Semiconductors TWR-SER2 Datasheet HTML 3Page - NXP Semiconductors TWR-SER2 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TOWER SYSTEM MODULES
Controller/Processor Modules (8-, 16-, 32- bit) www.nxp.com/Towercontroller
• Works standalone or as part of Tower
System
• Allows rapid prototyping
• Features open source debugging interface
• Provides easy programming and run control via
standard USB cable
Peripheral Modules www.nxp.com/Towerperipheral
• Can be re-used with all Tower System
controller boards
• Eliminates the need to buy/develop
redundant hardware
• Interchangeable peripheral boards: serial,
memory, graphical LCD, prototyping, sensor
• Enables advanced development and
broad functionality
Tower Plug-Ins www.nxp.com/TWRPI
• Designed to attach to any Tower System
board with a TWRPI socket(s)
• Adds features and functionality with little
investment
• Swappable components
• Allows for design flexibility
Elevator Modules www.nxp.com/Towerelev
• Two 2 x 80 connectors
• Provides easy signal access and side-mounting
board (i.e., LCD board)
• Power regulation circuitry
• Provides power to all boards
• Standardized signal assignments
• Allows for customized peripheral board
development
• Four card-edge connectors available
• Allows easy expansion using PCI Express®
connectors (x16, 90 mm/3.5" long, 164 pins)
3. Connect each module
to the elevator boards
2. Choose peripheral
boards and desired
Tower plug-ins
(TWRPIs)
1. Choose a controller/
processor module
MODULAR AND EXPANDABLE
 Controller boards provide easy-to-use,
reconfigurable hardware
 Interchangeable peripheral boards
(including communications, memory and
graphical LCD) make customization easy
 Open source hardware and standardized
specifications promote the development
of additional boards for added
functionality and customization
SPEEDS DEVELOPMENT TIME
 Open source hardware and
software allow quick development
with proven designs
 Integrated debugging interface allows
for easy programming and run control
via standard USB cable
COST EFFECTIVE
 Interchangeable peripheral boards can be
re-used with all Tower System controller
boards, eliminating the need to purchase
redundant hardware for future designs
 Enabling technologies like LCD, Wi-Fi,
motor control, serial and memory
interfacing are offered off-the-shelf at
a low cost to provide a customized
enablement solution
SOFTWARE ENABLEMENT
AND SUPPORT
The increasing complexity of industrial
applications and expanding functionality
of semiconductors are driving embedded
developers toward solutions that require
the integration of proven hardware and
 One controller/
processor board
 Up to three
peripheral boards
 One or more
additional side
mounting
peripheral boards
 Multiple Tower
plug-ins (TWRPIs)
 Two elevator boards
(or risers)
BUILD YOUR TOWER SYSTEM IN THREE STEPS OR LESS
* Visit www.nxp.com/software for a list of supported devices
software platforms. Together with our
strong alliance network, we offer
comprehensive solutions, including
development tools, debuggers,
programmers, and software.
COMPLIMENTARY SOFTWARE
AND TOOLS
 Our proprietary MQX™ RTOS, TCP/IP
stacks, file system, USB stacks and more*
 Linux® BSP*
 CodeWarrior Development Studio
 Processor Expert software configuration
tool: Create, configure, optimize, migrate
and deliver software components that
generate source code for our proprietary
silicon
 Proprietary eGUI: Graphical LCD driver for
MCUs and eMPUs
Each assembled Tower System will accommodate:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com