Electronic Components Datasheet Search
  English  ▼

X  

FVF-SC2 Datasheet(PDF) 1 Page - Fluke Corporation

Part # FVF-SC2
Description  True-rms Industrial Logging Multimeter with TrendCapture
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

FVF-SC2 Datasheet(HTML) 1 Page - Fluke Corporation

  FVF-SC2 Datasheet HTML 1Page - Fluke Corporation FVF-SC2 Datasheet HTML 2Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data
The Best Just Got Better.
The new 289 is the next generation high performance industrial logging mul-
timeter designed to solve complex problems in electronics, plant automation,
power distribution, and electro-mechanical equipment. With the ability to
log data and review it graphically on-screen, you can solve problems
faster and help minimize downtime. Let the new 289 be your
watchdog for systems or processes while you are off solving
other problems.
• New – Two terminal 50 ohm
range with 1 milliohm resolu-
tion, 10 mA source current.
Useful for measuring and
comparing differences in motor
winding resistance or contact
resistance.
• New – Low Pass filter for
accurate voltage and frequency
measurements at the same
time on adjustable speed
motor drives and other electri-
cally noisy equipment
• New – LoZ Volts. Low imped-
ance voltage function for
eliminating ghost voltages.
Also recommended when test-
ing for absence or presence of
live power.
• New –
button. On board
help screens for measure-
ment functions. Unsure about
a function—go to that function
and press the “i” button.
• Real time clock for automatic
time stamping of saved
readings
New Fluke 289
True-rms Industrial Logging
Multimeter with TrendCapture
R
N10140
Equipped with new
functionality
• New – TrendCapture quickly
graphically displays logged
data session to quickly deter-
mine whether anomalies may
have occurred
• New – Zoom on trend provides
unprecedented ability to view
and analyze TrendCapture
data; zoom in up to 14 times
• New – Selectable ac filter
(Smoothing mode) helps dis-
play a steadier reading when
the input signal is changing
rapidly or noisy
• New – Adjustable record-
ing and auto hold thresholds,
specify a percentage change
in the readings that begins a
new event
• New – Large 50,000 count,
1/4 VGA dot matrix display
with white backlight
• New – Logging function with
expanded memory for unat-
tended monitoring of signals
over time. Using on-board
TrendCapture users can graph-
ically review logged readings
without needing a PC. Store
up to 15,000 recorded events.
• New – Save multiple logging
sessions before pc download
is necessary
• Relative mode to remove test
lead resistance from low ohms
or capacitance measurements
• True-rms ac voltage and
current for accurate measure-
ments on non linear signals
• Measure up to 10 A (20 A for
30 seconds)
• 100 mF capacitance range
• Peak capture to record tran-
sients as fast as 250 µs
• Optional magnetic hanger
for easy setup and viewing
while freeing your hands for
other tasks
• Optically isolated communica-
tion port for transferring data
to pc (usb cable and software
optional)
• Limited lifetime warranty
TrendCapture displays vDC logged date.


Similar Part No. - FVF-SC2

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
FVF-SC2 FLUKE-FVF-SC2 Datasheet
167Kb / 5P
FVF-SC2 FlukeView Forms Software with Cable
05/2023
More results

Similar Description - FVF-SC2

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380900 EXTECH-380900 Datasheet
243Kb / 1P
Dual Channel, Datalogging, True RMS MultiMeter
EX570 EXTECH-EX570 Datasheet
551Kb / 18P
True RMS Multimeter with IR Thermometer
logo
List of Unclassifed Man...
5492B ETC2-5492B Datasheet
2Mb / 5P
True RMS Bench Multimeter
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
True-rms Electrical True-rms Contractor Multimeter
logo
Extech Instruments Corp...
EX205T EXTECH-EX205T Datasheet
215Kb / 1P
True RMS MultiMeters
GX900 EXTECH-GX900 Datasheet
235Kb / 2P
GX900 True RMS Graphical MultiMeter for Android
logo
List of Unclassifed Man...
FLUKE-87-5 ETC2-FLUKE-87-5 Datasheet
937Kb / 2P
80 Series V Industrial True-RMS Multimeter with Temperature
logo
Fluke Corporation
8060A FLUKE-8060A Datasheet
5Mb / 140P
True-rms Multimeter
logo
List of Unclassifed Man...
DM93 ETC1-DM93 Datasheet
305Kb / 2P
True RMS Industrial Multimeters
logo
B&K Precision Corporati...
5492B BK-5492B Datasheet
2Mb / 5P
True RMS Bench Multimeter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com