Electronic Components Datasheet Search
  English  ▼

X  

LA112B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LA112B
Description  LED ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LA112B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LA112B Datasheet HTML 1Page - List of Unclassifed Manufacturers LA112B Datasheet HTML 2Page - List of Unclassifed Manufacturers LA112B Datasheet HTML 3Page - List of Unclassifed Manufacturers LA112B Datasheet HTML 4Page - List of Unclassifed Manufacturers LA112B Datasheet HTML 5Page - List of Unclassifed Manufacturers LA112B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Green
Absolute Maximum Ratings at Ta=25
℃
Emitted
Typical Electrical & Optical Characteristics (Ta=25
℃)
Yellow
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LA112B/VY.VG-4
AlGaInP
GaP
Electrostatic Discharge
PART NO
MATERIAL
Soldering Temperature
Storage Temperature
Operating Temperature
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Power Dissipation
Forward Current
Parameter
40
40
Water Clear
565
----
----
590
2.6
2.6
30
20
1.7
1.7
160
350
65
120
2000
V
ESD
Viewing
angle
2
θ 1/2
(deg)
Peak
wave
length
λPnm
Dominant
wave
length
λDnm
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Luminous
intensity
@20mA(mcd)
COLOR
Lens
Max.
Min.
Min.
Typ.
Max 260
℃ for 5 sec Max
(2mm from body)
Tsol
-40 ~ +100
-40 ~ +85
Tstg
Topr
℃
℃
Ratings
60
120
mA
IFP
Ir
PD
10
10
μA
100
75
mW
IF
Symbol
30
30
mA
VG
VY
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
----
PART NO. LA112B/VY.VG-4
Page 2/5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com