Electronic Components Datasheet Search
  English  ▼

X  

HMC618LP3E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC618LP3E
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC618LP3E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC618LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 9Page - Hittite Microwave Corporation HMC618LP3E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
5
5 - 264
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
Item
Description
J1, J2
PCB Mount SMA RF Connector
J3 - J5
DC Pin
C2, C4
1000 pF Capacitor, 0603 pkg.
C3, C5
0.47 μF Capacitor, Tantalum
L1
15nH, Inductor, 0603 pkg
L3
6.8nH, Inductor, 0603 pkg
C6
220pF Capacitor, 0402 pkg
C1
10nF Capacitor, 0402 pkg
R1
10k Ohm resistor, 0402 pkg
U1
HMC618LP3(E) Amplifier
PCB [2]
120586 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350.
List of Material for Evaluation PCB 117905 [1]
The circuit board used in this application should use
RF circuit design techniques. Signal lines should
have 50 ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation board should be mounted to an appro-
priate heat sink. The evaluation circuit board shown
is available from Hittite upon request.
HMC618LP3 / 618LP3E
v04.0508
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 1.7 - 2.2 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com