Electronic Components Datasheet Search
  English  ▼

X  

AS03208AS-HT Datasheet(PDF) 11 Page - PUI audio inc.

Part # AS03208AS-HT
Description  SPEAKERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS03208AS-HT Datasheet(HTML) 11 Page - PUI audio inc.

Back Button AS03208AS-HT Datasheet HTML 7Page - PUI audio inc. AS03208AS-HT Datasheet HTML 8Page - PUI audio inc. AS03208AS-HT Datasheet HTML 9Page - PUI audio inc. AS03208AS-HT Datasheet HTML 10Page - PUI audio inc. AS03208AS-HT Datasheet HTML 11Page - PUI audio inc. AS03208AS-HT Datasheet HTML 12Page - PUI audio inc. AS03208AS-HT Datasheet HTML 13Page - PUI audio inc. AS03208AS-HT Datasheet HTML 14Page - PUI audio inc. AS03208AS-HT Datasheet HTML 15Page - PUI audio inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
The speaker assemblies may be directly driven from many circuits with DC coupling.
However, any DC offset voltage or current must be continuously dissipated in the
speaker. Even more important, any DC voltage present at the speaker connection
terminals will produce a constant diaphragm offset. This constant offset will impact
the speaker’s sound pressure level (SPL) (reducing it) negatively and introducing
nonlinearities in the speaker’s acoustic output (increasing THD).
It is usually more desirable to AC couple the output to the speaker using a capacitor
in series with the speaker as shown in Figure 2.
General Driving
Considerations
11
V
IN
The capacitor will block any DC component in the amplifier's output signal
and couple the remaining AC output component to the speaker. The capacitor
working against the speaker’s nominal impedance forms a highpass filter. The filter’s
cutoff frequency is found using the equation 2
f = 1/2piRC
C = 1/2πRf
Equation 2
As an example, an 8Ohm speaker with a nominal low frequency response of 500Hz
could use a coupling capacitor with the following value.
C = 1/2π(8)(500)
C = 39.8µF
In this example, to ensure that the high-pass cutoff frequency is at least 500Hz,
a 47µF standard value is a good choice.
Figure 2 AC-Coupling Speaker to Amplifier Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com