Electronic Components Datasheet Search
  English  ▼

X  

AS03604AR Datasheet(PDF) 4 Page - PUI audio inc.

Part # AS03604AR
Description  SPEAKERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS03604AR Datasheet(HTML) 4 Page - PUI audio inc.

  AS03604AR Datasheet HTML 1Page - PUI audio inc. AS03604AR Datasheet HTML 2Page - PUI audio inc. AS03604AR Datasheet HTML 3Page - PUI audio inc. AS03604AR Datasheet HTML 4Page - PUI audio inc. AS03604AR Datasheet HTML 5Page - PUI audio inc. AS03604AR Datasheet HTML 6Page - PUI audio inc. AS03604AR Datasheet HTML 7Page - PUI audio inc. AS03604AR Datasheet HTML 8Page - PUI audio inc. AS03604AR Datasheet HTML 9Page - PUI audio inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Understanding T/S Parameters
When designing a loudspeaker enclosure, consideration of the electrical and
mechanical elements that shape a speaker's performance is essential. These
factors, commonly referred to as Thiele Small parameters or T/S parameters, are
instrumental in shaping the sound emitted by a speaker system. The effectiveness
of a speaker system is fundamentally linked to the careful design of its enclosure. By
isolating the front and rear waves of the speaker, the enclosure plays a critical role
in optimizing the performance.
The front wave represents the desired sound, whereas the rear wave, often out of
phase, has the potential to disrupt the front wave, leading to distortion. Through
strategic design, the enclosure acts as a barrier, mitigating interference and
heightening overall audio clarity. In essence, the quality of the speaker system
hinges on the thoughtful construction of its enclosure.
T/S parameters, pivotal components in enclosure design, can be dissected into key
elements, including Resonant Frequency (Fs), Electrical Q (Qes), Mechanical Q
(Qms), Total Q Factor (Qts), Equivalent Volume of Air (VAS), DC Resistance (Re),
Effective Piston Area (Sd), Maximum Linear Excursion (Xmax), Power Handling (Pe),
and Force Factor (BL). Each parameter plays a distinct role in shaping the speaker's
behavior and response.
• Resonant Frequency (Fs): The frequency at which a speaker naturally
resonates, which is measured in Hertz.
• Electrical Q (Qes): The efficiency of the internal electrical circuit, which
influences the overall performance and responsiveness of the speaker.
• Mechanical Q (Qms): The efficiency of the mechanical suspension of the
speaker, which affects the ability of the speaker to control its diaphragm
movement.
• Total Q Factor (Qts): The combination of the electrical Q (Qes) and the
mechanical Q (Qms) and represents the overall damping and efficiency. It is an
indicator of a speaker’s low frequency performance, it is Qts. When searching
for a speaker to satisfy a desire for good low-frequency performance, settle on
speakers with Qts values lower than 0.7. These speakers will operate with
minimal or no peaking at system resonance when used with a sealed enclosure
volume that takes advantage of a low Qts characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com