Electronic Components Datasheet Search
  English  ▼

X  

ESDALC6V1PX Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC6V1PX
Description  Low capacitance Transil??arrays for ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1PX Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC6V1PX Datasheet HTML 1Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 2Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 3Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 4Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 5Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 6Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 7Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 8Page - STMicroelectronics ESDALC6V1PX Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ESDALC6V1Px
Characteristics
3/9
Figure 4.
Peak power dissipation versus
initial junction temperature
Figure 5.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
175
P
PP[Tj initial] / PPP [Tj initial=25°C]
Tj(°C)
10
100
1000
1
10
100
t (µs)
p
P
(W)
PP
T initial = 25°C
j
Figure 6.
Clamping voltage versus peak
pulse current (typical values,
rectangular waveform)
Figure 7.
Forward voltage drop versus peak
forward current (typical values)
Figure 8.
Junction capacitance versus
reverse applied voltage (typical
values)
Figure 9.
Relative variation of leakage
current versus junction
temperature (typical values)
0.1
1.0
10.0
100.0
0
1020
3040
50
60
70
V
(V)
CL
I
(A)
PP
t = 2.5µs
T initial = 25°C
p
j
1.E-03
1.E-02
1.E-01
1.E+00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
(A)
FM
V
(V)
FM
T = 25°C
j
T = 125°C
j
0
1
2
3
4
5
6
7
8
9
10
11
12
13
01
23
4
5
6
V (V)
R
C(pF)
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
I
R [Tj]/ IR [Tj=25°C]
V
R =3 V
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com