Electronic Components Datasheet Search
  English  ▼

X  

CW1053ALCP Datasheet(PDF) 1 Page - CellWise Microelectronics

Part # CW1053ALCP
Description  5-Cell Battery Protection IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1053ALCP Datasheet(HTML) 1 Page - CellWise Microelectronics

  CW1053ALCP Datasheet HTML 1Page - CellWise Microelectronics CW1053ALCP Datasheet HTML 2Page - CellWise Microelectronics CW1053ALCP Datasheet HTML 3Page - CellWise Microelectronics CW1053ALCP Datasheet HTML 4Page - CellWise Microelectronics CW1053ALCP Datasheet HTML 5Page - CellWise Microelectronics CW1053ALCP Datasheet HTML 6Page - CellWise Microelectronics CW1053ALCP Datasheet HTML 7Page - CellWise Microelectronics CW1053ALCP Datasheet HTML 8Page - CellWise Microelectronics CW1053ALCP Datasheet HTML 9Page - CellWise Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.cellwise-semi.com
CW1053-DS V1.8
© 2015-2021 Cellwise Microelectronics
1
CW1053
5 节电池保护 IC
功能特性
过充电保护
• 阈值范围 4.175V~4.350V,25mV 步进,±25mV
精度
过放电保护
• 阈值范围 2.300V~3.000V,100mV 步进,
± 80mV 精度
过电流保护
• 过流检测 1
阈值范围
0.030V~0.100V,10mV 步进,± 5mV
精度
• 过流检测 2
阈值范围
0.060V~0.200 V,20mV 步进,± 5mV
精度
• 短路保护
阈值范围
0.090V~0.600V,30mV 步进,±10mV
精度
充放电过温保护
过流保护后自动回复
低功耗设计
• 工作状态 15
A (25°C)
• 休眠状态 5
A (25°C)
封装形式:
SSOP16/SOP16/QFN16L
应用领域
电动工具
电动自行车
后备电源
锂离子及锂聚合物电池包
基本描述
CW1053 系列产品是一款高度集成的 5 串锂离子电
池或锂聚合物电池保护芯片。
CW1053 为电池包提
供过充、过放、过流和过温保护。


Similar Part No. - CW1053ALCP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW1053ALCP ETC1-CW1053ALCP Datasheet
808Kb / 13P
5-cell battery protection IC
More results

Similar Description - CW1053ALCP

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9004D AOSMD-AOZ9004D Datasheet
473Kb / 16P
Single-Cell Battery Protection IC
AOZ9005D AOSMD-AOZ9005D Datasheet
380Kb / 16P
Single-Cell Battery Protection IC
logo
E-CMOS Corporation
EC9526A E-CMOS-EC9526A Datasheet
842Kb / 10P
One-cell Lithium Battery Protection IC
logo
List of Unclassifed Man...
CW1053 ETC1-CW1053 Datasheet
808Kb / 13P
5-cell battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5510D HMSEMI-HM5510D Datasheet
185Kb / 6P
Single cell lithium battery protection IC
logo
Neotec Semiconductor Lt...
NT1724 NEOTEC-NT1724 Datasheet
347Kb / 4P
Battery Protection IC for 2-Cell
V1.05
NT1732A NEOTEC-NT1732A Datasheet
393Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.11
NT1732B NEOTEC-NT1732B Datasheet
395Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.02
NT1742 NEOTEC-NT1742 Datasheet
384Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.30
NT1793 NEOTEC-NT1793 Datasheet
251Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com