Electronic Components Datasheet Search
  English  ▼

X  

CW1053ALIP Datasheet(PDF) 11 Page - CellWise Microelectronics

Part # CW1053ALIP
Description  5-Cell Battery Protection IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1053ALIP Datasheet(HTML) 11 Page - CellWise Microelectronics

Back Button CW1053ALIP Datasheet HTML 7Page - CellWise Microelectronics CW1053ALIP Datasheet HTML 8Page - CellWise Microelectronics CW1053ALIP Datasheet HTML 9Page - CellWise Microelectronics CW1053ALIP Datasheet HTML 10Page - CellWise Microelectronics CW1053ALIP Datasheet HTML 11Page - CellWise Microelectronics CW1053ALIP Datasheet HTML 12Page - CellWise Microelectronics CW1053ALIP Datasheet HTML 13Page - CellWise Microelectronics CW1053ALIP Datasheet HTML 14Page - CellWise Microelectronics CW1053ALIP Datasheet HTML 15Page - CellWise Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CW1053
© 2015-2021 Cellwise Microelectronics
11
参考设计
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CW1053
VDD
VC5
VC4
VC3
VC2
VC1
VSS
NC
CO
VM
DO
VINI
RDO
T
RCO
T
CIT
NC
510
1μF
1k
0.1μF
1k
0.1μF
1k
0.1μF
1k
0.1μF
1k
0.1μF
0.1μF
NTC
5mohm
51k
3.3M
P+
P-
CH+
2M
1k
1N4148
1k
35k 22k
0.1μF
5 串应用电路(SSOP/SOP 封装)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CW1053
VC5
VC4
VC3
VC2
VC1
VSS
NC
CIT
VDD
CO
VM
DO
VINI
NC
RDOT
RCOT
1k
0.1μF
1k
0.1μF
1k
0.1μF
1k
0.1μF
1k
0.1μF
0.1μF
35k
22k
5mohm
51k
3.3M
P+
P-
CH+
1M
1k
1k
1N4148
NTC
0.1μF
1k
1μF
5 串应用电路(QFN16L 封装)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com