Electronic Components Datasheet Search
  English  ▼

X  

DC048B015T012TP Datasheet(PDF) 13 Page - Vicor Corporation

Part # DC048B015T012TP
Description  48 V Input DC-DC Converter Modules
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DC048B015T012TP Datasheet(HTML) 13 Page - Vicor Corporation

Back Button DC048B015T012TP Datasheet HTML 9Page - Vicor Corporation DC048B015T012TP Datasheet HTML 10Page - Vicor Corporation DC048B015T012TP Datasheet HTML 11Page - Vicor Corporation DC048B015T012TP Datasheet HTML 12Page - Vicor Corporation DC048B015T012TP Datasheet HTML 13Page - Vicor Corporation DC048B015T012TP Datasheet HTML 14Page - Vicor Corporation DC048B015T012TP Datasheet HTML 15Page - Vicor Corporation DC048B015T012TP Datasheet HTML 16Page - Vicor Corporation DC048B015T012TP Datasheet HTML 17Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
VI Brick / 48V Input DC-DC Converter Modules
vicorpower.com
Rev. 1.0
Page 13 of 21
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87
92
%
Nominal input; full load; 25°C
Ripple and noise
160
200
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
14.0
14.85
Volts
25°C; recycle input voltage to restart (1 minute off)
Dissipation, standby
5.5
7.6
Watts
No load
Load regulation
±0.6
±1.5
%
No load to full load; nominal input, deviation from setpoint
Output capacitance
750
µF
External
Load current
0
18.33
Amps
Current limit (peak)
19.80
21.08
23.83
Amps
Shut down, may require PC enable to initiate restart
Short circuit current (avg)
0
1.0
9.17
Amps
Shut down, may require PC enable to initiate restart
12 Vout, 220 W OPERATING SPECIFICATIONS - (e.g. DC048B120T022FP)
Power Dissipation vs. Output Current
Output Current (A)
36 V
48 V
75 V
Vin
4
6
8
10
12
14
16
18
20
22
24
0
5
10
15
20
Efficiency vs. Output Current
Output Current (A)
36 V
48 V
75 V
Vin
65
70
75
80
85
90
95
0
1.83 3.66
5.49
7.32 9.15 10.98 12.81 14.64 16.47 18.3
NL
Vin
Ripple vs. Output Current
Output Current (A)
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
Figure 10-4 – Transient response 100 – 50%, 3 x 4.7 µF ceramic bypass
capacitance
Figure 10-1 – Efficiency vs. load
Figure 10-5 – Transient response 50 – 100%, 3 x 4.7 µF ceramic bypass
capacitance
Figure 10-2 – Power dissipation vs. load
Figure 10-3 – Output ripple vs. load with no external bypass capacitance
Figure 10-6 – Output voltage ripple at nominal line and full load with no
external bypass capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com