Electronic Components Datasheet Search
  English  ▼

X  

2012-050 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2012-050
Description  ANALOG ACCELEROMETER MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2012-050 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2012-050 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2012-050 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2012-050 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Silicon Designs, Inc.
! 1445-NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 1]
Sep 07
ACTUAL SIZE
ORDERING INFORMATION
Full Scale
Acceleration
Model
Number
± 2 g
2012-002
± 5 g
2012-005
± 10 g
2012-010
± 25 g
2012-025
± 50 g
2012-050
±100 g
2012-100
±200 g
2012-200
±400 g
2012-400
APPLICATIONS
VIBRATION MONITORING
VIBRATION ANALYSIS
MACHINE CONTROL
MODAL ANALYSIS
ROBOTICS
CRASH TESTING
INSTRUMENTATION
ROTATING MACHINERY
SILICON DESIGNS, INC
Model 2012
ANALOG ACCELEROMETER MODULE
!
!
!
! Capacitive Micromachined
!
!
!
! Nitrogen Damped
!
!
!
! ±4V Differential Output or
0.5V to 4.5V Single Ended Output
!
!
!
! Fully Calibrated
!
!
!
! Low Power Consumption
!
!
!
! -55 to +125EEEEC Operation
!
!
!
! +5V DC Power
!
!
!
! Simple, Four Wire Connection
!
!
!
! Serialized for Traceability
!
!
!
! Responds to DC & AC Acceleration
!
!
!
! Non Standard Ranges Available
!
!
!
! Rugged Black Anodized Aluminum Module
DESCRIPTION
The Model 2012 accelerometer module provides a rugged protective case around
an integrated model 1210L accelerometer for measuring accelerations in
commercial/industrial environments. It is tailored for zero to medium frequency
instrumentation applications. The anodized aluminum case is epoxy sealed and
is easily mounted via two #4 (or M3) screws.
It is relatively insensitive to
temperature changes and gradients. The cable’s shield is electrically connected
to the case while the ground (GND) wire is isolated from the case. An optional initial
calibration sheet (2012-CAL) and periodic calibration checking are also available.
Please refer to the Model 2210 for applications that require a lower output
impedance or greater power supply rejection ratio than the Model 2012 provides.
OPERATION
The Model 2012 accelerometer module produces two
analog voltage outputs, AOP & AON, which vary with
acceleration as shown in the graph at right. The signal
outputs are fully differential about a common mode
voltage of ½ V
DD (approximately 2.5 volts).
At zero
acceleration, the output differential voltage is nominally
zero volts;
at +full scale acceleration, the output
differential voltage is +4 volts; at -full scale acceleration
the output differential voltage is -4 volts. The sensitive
axis is perpendicular to the bottom of the package, with
positive acceleration defined as a force pushing on the
bottom of the package.
SIGNAL DESCRIPTIONS
V
DD and GND (Power): Red and Black wires respectively. Power (+5 Volts DC)
and ground.
AOP and AON (Output): Green & white wires respectively. AOP voltage
increases (AON decreases) with positive acceleration. At zero acceleration,
both outputs are nominally equal to 2.5 volts. The device experiences positive
(+1g) acceleration with its lid facing up in the Earth’s gravitational field. Either
output can be used individually or the pair can be used differentially
.


Similar Part No. - 2012-050

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
2012-XX STRUCTURED-CABLE-2012-XX Datasheet
1Mb / 1P
12 PORT - KEYSTONE WALL PLATE - STANDARD DOUBLE GANG, UL
2015-09-18
logo
Nidec Motor Corporation...
2012-Z NIDEC-2012-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
More results

Similar Description - 2012-050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2440-002 ETC2-2440-002 Datasheet
470Kb / 3P
TRIAXIAL ANALOG ACCELEROMETER MODULE
2430-002 ETC2-2430-002 Datasheet
519Kb / 3P
TRIAXIAL ANALOG ACCELEROMETER MODULE
2422-002 ETC2-2422-002 Datasheet
549Kb / 3P
TRIAXIAL ANALOG ACCELEROMETER MODULE
2264-005 ETC2-2264-005 Datasheet
746Kb / 2P
ANALOG ACCELEROMETER MODULE
2260-002 ETC2-2260-002 Datasheet
646Kb / 3P
ANALOG ACCELEROMETER MODULE
2240-002 ETC2-2240-002 Datasheet
456Kb / 3P
ANALOG ACCELEROMETER MODULE
2220-002 ETC2-2220-002 Datasheet
416Kb / 3P
ANALOG ACCELEROMETER MODULE
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
ANALOG ACCELEROMETER MODULE
1210L-005 ETC2-1210L-005 Datasheet
942Kb / 6P
ANALOG ACCELEROMETER
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
Triaxial Analog Accelerometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com