Electronic Components Datasheet Search
  English  ▼

X  

303 Datasheet(PDF) 1 Page - CTS Corporation

Part # 303
Description  Miniature 3 mm surface mount chip-type cermet trimmer potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

303 Datasheet(HTML) 1 Page - CTS Corporation

  303 Datasheet HTML 1Page - CTS Corporation 303 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
Miniature 3 mm
surface mount
chip-type
cermet trimmer
potentiometer
• Small and thin
• Auto adjustable
• Reflow solderable
• 8 mm width x 4 mm pitch
embossed taping for
auto insertion
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Series 303
Taper
Linear
Resistance Range
100 ohms to 1 megohm
(See Resistance Code Table)
Resistance Tolerance
+ 25%
Residual Resistance
2% of the total resistance value, maximum
except < 1 kohm is 20 ohms, maximum
Power Rating
0.1 watt at 70˚C, 0 watts at 100˚C
Maximum Working Voltage
50 V or
√PR = whichever is less
Temperature Range
-40˚C to ~+100˚C
Temperature Coefficient
+ 250 ppm
Contact Resistance
5% of total resistance value, maximum
Rotation Angle
270˚ + 20˚
Operation Torque
1.96 ~ 19.6 mN•m
Electrical and Mechanical Specifications


Similar Part No. - 303

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
303 DBLECTRO-303 Datasheet
310Kb / 1P
SCREW TYPE SERIES
logo
Energizer
303 ENERGIZER-303 Datasheet
73Kb / 1P
Silver Oxide Batteries
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
logo
Enercon Technologies Eu...
303 ENERCON-303 Datasheet
820Kb / 3P
IP 68 Military Rugged USB 3. Gen1 advanced featured Smart HUB
October 24, 2021
logo
Ashcroft, Inc.
303 ASHCROFT-303 Datasheet
670Kb / 5P
102/103, 202/203, 302/303 Flanged Diaphragm Seal
RevD_02-17-21
More results

Similar Description - 303

ManufacturerPart #DatasheetDescription
logo
Bi technologies
22AR10KLFTR BITECH-22AR10KLFTR Datasheet
171Kb / 3P
3 mm Single Turn Sealed Surface Mount Cermet Trimming Potentiometer
logo
CTS Corporation
306 CTS-306 Datasheet
228Kb / 2P
Commercial miniature 6 mm square cermet trimmer potentiometer
307 CTS-307 Datasheet
241Kb / 2P
Commercial miniature 6 mm cermet trimmer potentiometer
logo
HOKURIKU ELECTRIC INDUS...
E01340A HOKURIKU-E01340A Datasheet
1Mb / 4P
Chip Type Cermet Trimmer Potentiometer
logo
Vishay Siliconix
T7 VISHAY-T7_13 Datasheet
104Kb / 5P
7 mm Diameter Miniature Cermet Trimmer
05-Aug-13
logo
Suntan Capacitors
TSR-3269 SUNTAN-TSR-3269_17 Datasheet
267Kb / 1P
Cermet-Ceramic Trimmer Potentiometer ??3269
logo
Vishay Siliconix
TS3 VISHAY-TS3 Datasheet
120Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
31-Jan-17
TS3 VISHAY-TS3_V01 Datasheet
114Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
02-Mar-18
T7YA474MB40 VISHAY-T7YA474MB40 Datasheet
94Kb / 5P
7 mm Diameter Miniature Single-Turn Cermet Trimmer
18-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com