Electronic Components Datasheet Search
  English  ▼

X  

40KT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 40KT
Description  Heavy Duty High Voltage Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40KT Datasheet(HTML) 1 Page - Vishay Siliconix

  40KT Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Document Number: 23098
Revision 14-May-02
www.vishay.com
30
15DK, 20DK, 30DK, 40DK, 10KT, 15KT, 20KT, 30KT, 40KT Series
Vishay Cera-Mite
ceramite.support@vishay.com
L
LENGTH
SIZE
MAX.
CODE
in. mm
J
.780
19.8
K
.900
22.9
L
1.00
25.4
M
1.18
30.0
N
1.36
34.5
D
DIAMETER
SIZE
MAX.
CODE
in.
mm
A
.880
22.4
B
1.05
26.7
C
1.30
33.0
D
1.55
39.4
E
1.80
45.7
F
2.13
54.1
G
2.30
58.4
H
2.42
61.5
TERMINAL ADAPTORS
#8-32NC-2B Adapters.
Order separately as required.
75-134A
Typical Applications
75-135A
75-136A
CAP
CATALOG
SIZE
pF
NUMBER D CODE L CODE
1500 15DKD15
B
K
2000 15DKD20
C
K
3300 15DKD33
D
K
4700 15DKD47
D
K
.01 uF 15DKS10
G
K
15,000 VDC; 4,000 VRMS, 60HZ
TYPE DK CAPACITOR
Class III Y5U Temp. Coefficient
Cap Tol. +80% - 20%
DF: 2% Max @ 1 kHz
CAP
CATALOG
SIZE
pF
NUMBER D CODE L CODE
500
20DKT50
A
L
1000 20DKD10
C
L
1300 20DKD13
C
L
2500 20DKD25
D
L
3300 20DKD33
E
L
4700 20DKD47
F
L
6800 20DKD68
H
L
20,000 VDC; 5,000 VRMS, 60HZ
CAP
CATALOG
SIZE
pF
NUMBER D CODE L CODE
500
30DKT50
B
N
1000 30DKD10
C
M
2500 30DKD25
D
M
3300 30DKD33
F
M
4700 30DKD47
G
M
30,000 VDC; 7,000 VRMS, 60HZ
CAP
CATALOG
SIZE
pF
NUMBER D CODE L CODE
300
40DKT30
A
N
500
40DKT50
B
N
780
40DKT78
C
N
1000 40DKD10
D
N
1600 40DKD16
E
N
2500 40DKD25
F
N
3300 40DKD33
G
N
40,000 VDC; 9,000 VRMS, 60HZ
TYPE KT CAPACITOR
Class I N4700 Temp. Coefficient
Cap Tol. ±20%
DF: 0.2% Max @ 1 kHz
CAP
CATALOG
SIZE
PF
NUMBER D CODE L CODE
1000
10KTD10
C
J
2200
10KTD22
D
J
3900
10KTD39
F
J
4700
10KTD47
G
J
10,000 VDC; 4,000 VRMS, 60HZ
CAP
CATALOG
SIZE
pF
NUMBER D CODE L CODE
820
15KTT82
C
K
1900 15KTD19
F
K
3300 15KTD33
G
K
15,000 VDC; 6,000 VRMS, 60HZ
CAP
CATALOG
SIZE
pF
NUMBER D CODE L CODE
560
20KTT56
C
L
1000 20KTD10
D
L
1900 20KTD19
F
L
2700 20KTD27
H
L
20,000 VDC; 8,000 VRMS, 60HZ
CAP
CATALOG
SIZE
pF
NUMBER D CODE L CODE
400
30KTT40
C
M
660
30KTT66
D
M
1200 30KTD12
F
M
1800 30KTD18
H
M
30,000 VDC; 10,000 VRMS, 60HZ
CAP
CATALOG
SIZE
pF
NUMBER D CODE L CODE
300
40KTT30
C
N
640
40KTT64
E
N
1000 40KTD10
F
N
1300 40KTD13
H
N
40,000 VDC; 13,000 VRMS, 60HZ
715C Series
Heavy Duty High Voltage Capacitors
10 TO 40KV MOLDED EPOXY CASE
DK GENERAL PURPOSE TYPE, EIA CLASS III
APPLICATIONS:
• High Voltage Power Supplies, CRTs, Lasers.
• Smallest Size Available.
KT SPECIAL PURPOSE TYPE, EIA CLASS I
APPLICATIONS:
• High Voltage Power Supplies, CRTs, Lasers.
• Greater Capacitance Stability.
• Features Low DF and Low Heating, Low DC & AC Voltage
Coefficient.
• Tighter Tolerance On Capacitance.
• Highest AC Voltage Ratings.
PERFORMANCE CHARACTERISTICS:
Operating Temperature Range: -30°C to +85°C
Storage Temperature Range: -40°C to +100°C
Dielectric Strength: 150% of rated voltage, charging
current limited to 50mA.
Insulation Resistance: 200,000 megohms or 1000
ΩF
minimum at 25°C.
Corona Limit: 50 picocoulombs at rated AC voltage.
Self Resonant Frequency: Ranges from 50 MHz for small
diameters to 10 MHz for large diameters.
Power Dissipation: Limit to 25°C rise above ambient,
measured on case.
KT Series ceramic material is
specially designed to handle
AC current, due to low
dissipation factor.
-30
30
20
10
0
-10
-20
-30
-40
25
85
Temp. (
°C)
KT
Series
DK
Series
CRT
H.V.
Focus
High Voltage
Ceramic Capacitor
Applications where high dv/dt is present will operate at high
peak currents (Ip = dv/dt x C). Capacitors should be evaluated in
the actual circuit for dv/dt greater than 2000V/ microsecond. If
repetitive, it may be necessary to use a series resistor or other
impedance to limit peak currents to safe values.
NOTE: Screw torque limit:
12 inch pounds. Use
#8-32, 3/16" long screw to
prevent bottoming.
L
D
#8-32NC-2B
Tapped
Holes
Fig 17
0.250
DIA
0.437
±0.015
0.187 FLAT
NO. 6-32 NC-2B
THD
0.250
0.437
±0.015
0.187 FLAT
NO. 8-32 NC-2B
THD
0.375
0.250
DIA
NO. 6-32 NC-2B
INT THD
0.312
0.437
±0.015
0.250
DIA
0.187 FLAT
All tolerances ±0.010 unless specified.


Similar Part No. - 40KT

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
40K07-660 COOPER-40K07-660 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
40K08-660 COOPER-40K08-660 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
40K09-660 COOPER-40K09-660 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Stackpole Electronics, ...
40K14050 SEI-40K14050 Datasheet
969Kb / 5P
Automotive Leaded Varistor
08/14/2019
40K20100 SEI-40K20100 Datasheet
969Kb / 5P
Automotive Leaded Varistor
08/14/2019
More results

Similar Description - 40KT

ManufacturerPart #DatasheetDescription
logo
Energizer
1235 ENERGIZER-1235 Datasheet
146Kb / 2P
SUPER HEAVY DUTY
logo
List of Unclassifed Man...
L1330A ETC2-L1330A Datasheet
90Kb / 1P
LOW VOLTAGE HEAVY DUTY FUSE
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
Heavy Duty Meter
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
Heavy Duty Clip
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
Heavy Duty Flashlight
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
Heavy Duty Flashlight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com