Electronic Components Datasheet Search
  English  ▼

X  

770 Datasheet(PDF) 1 Page - CTS Corporation

Part # 770
Description  Single In-Line Conformal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

770 Datasheet(HTML) 1 Page - CTS Corporation

  770 Datasheet HTML 1Page - CTS Corporation 770 Datasheet HTML 2Page - CTS Corporation 770 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
March 2008
CTS Electronic Components
www.ctscorp.com
Single In-Line Conformal Series 770
Technical
Data
Resistance Tolerance:
Resistance Range:
Standard: ±2% or 0.5Ω (whichever is greater) Standard: 10Ω to 1 MegΩ
Operating Temperature Range:
Dielectric Strength:
-55°C to +125°C
100 VAC
Temperature Coefficient:
Maximum Operating Voltage:
Standard: 100Ω to 1 MegΩ
100V not to exceed rated power
100PPM/°C typical
22Ω to 99Ω
±200PPM/°C typical
Types of Circuits
Bussed (Schematic 1)
Isolated (Schematic 3)
Dual Terminator (Schematic 5)
Features
• High-Reliability Cermet Resistors
• Space Saving Over Individual Resistors
• Available in Odd or Even Number of Pins
From 4 to 12 Leads
• 2.54mm/.100 in. Pin Spacing
• Packaged in Bulk
• RoHS Compliant
Available in 4, 6, 8, 10, 12 Pins
Available in 6, 8, 10 Pins
Available in 4 through 12 Pins


Similar Part No. - 770

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
770 FREESCALE-770 Datasheet
390Kb / 8P
Single Band LNA and Mixer FEIC
logo
List of Unclassifed Man...
770 ETC2-770 Datasheet
309Kb / 2P
Miniature connector
logo
Adafruit Industries
770 ADAFRUIT-770 Datasheet
156Kb / 3P
Waterproof 2xAA Battery Holder with On/Off Switch
11/12/2015
logo
Master Lock Company LLC...
770 MASTERLOCK-770 Datasheet
34Kb / 1P
Solid Steel Hasp & Hidden Shackle Padlock
logo
Keystone Electronics Co...
770 KEYSTONE-770 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
More results

Similar Description - 770

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
CS201 VISHAY-CS201 Datasheet
111Kb / 3P
Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
09-Jan-07
logo
Bi technologies
C101102MSL2 BITECH-C101102MSL2 Datasheet
46Kb / 3P
Single-In-Line Conformal Coated Capacitor Networks
logo
Vishay Siliconix
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
Capacitor Networks, Single-In-Line,Conformal Coated SIP,
07-Aug-08
TAS VISHAY-TAS Datasheet
416Kb / 5P
Conformal, Single-In-Line Resistor Networks
15-Nov-07
VTF VISHAY-VTF Datasheet
235Kb / 4P
Conformal, Single In-Line Resistor Networks (Custom)
16-May-07
VTF2 VISHAY-VTF2 Datasheet
751Kb / 9P
Conformal, Single In-Line Resistor Networks (Standard)
05-Mar-08
logo
List of Unclassifed Man...
D72A ETC2-D72A Datasheet
171Kb / 4P
Single-In-Line Conformal Coated Diode Array
logo
TT Electronics.
CR10A001 TTELEC-CR10A001 Datasheet
381Kb / 4P
In-Line Conformal Coated Resistor
D8-3C TTELEC-D8-3C Datasheet
310Kb / 4P
Single-In-Line Conformal Coated Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com