Electronic Components Datasheet Search
  English  ▼

X  

SF2002E Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2002E
Description  942.5 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2002E Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2002E Datasheet HTML 1Page - RF Monolithics, Inc SF2002E Datasheet HTML 2Page - RF Monolithics, Inc SF2002E Datasheet HTML 3Page - RF Monolithics, Inc SF2002E Datasheet HTML 4Page - RF Monolithics, Inc SF2002E Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2002E-053106
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Operating Frequency
fC
947.5
MHz
Passband
Insertion Loss (925~960 MHz)
IL
2.2
3.0
dB
Amplitude Ripple (925~960 MHz)
0.8
1.5
dB
Attenuation
D.C.~905 MHZ
17.0
20.5
dB
905~915 MHZ
5.0
15.0
dB
980~1000 MHZ
13.0
30.0
dB
1000~2000 MHZ
20.0
23.0
dB
VSWR (925~960 MHz)
2.2
2.7
dB
Input ZIN
1
50
Ω
Output ZOUT
1
50
Ω
Case Style
SM3030-6 3 x 3 mm Nominal Footprint
Lid Symbolization (YY=year, WW=week, D=day)
597 YYWWD
SM3030-6
•
RF Filter for EGSM
•
Low Loss Design
•
No Matching Circuit Required
•
3.0 x 3.0 x 1.3 mm Package
•
Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Input Power
+15
dBm
DC voltage between Terminals
-5 ~ +5
VDC
Operating Temperature
-30 to +85
°C
942.5 MHz
SAW Filter
SF2002E
Connection
Terminals
Input
2
Output
5
Ground
All others
Electrical Connections
Notes:
1.
Unless noted otherwise, all specifications apply over the operat-
ing temperature range with filter soldered to the specified demonstra-
tion board with impedance matching to 50
Ω and measured with 50 Ω
network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to
the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in
the passband. Rejection in final user application is dependent on
PCB layout and external impedance matching design. See Applica-
tion Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial produc-
tion" and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter
are subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the
design. However, impedances and impedance matching may vary
between Port 1 and Port 2, so that the filter must always be installed
in one direction per the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered
trademarks of RF Monolithics, Inc.
9.
©Copyright 1999, RF Monolithics Inc.
10. Electrostatic Sensitive Device. Observe precautions for handling.
50
50
SAW Filter
TOP VIEW
pin 2
pin 5
All Others
Pb


Similar Part No. - SF2002E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2002E MURATA-SF2002E Datasheet
536Kb / 5P
942.5 MHz SAW Filter
More results

Similar Description - SF2002E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855966 TRIQUINT-855966 Datasheet
707Kb / 8P
942.5 MHz SAW Filter
856055 TRIQUINT-856055 Datasheet
441Kb / 5P
942.5 MHz SAW Filter
856387 TRIQUINT-856387 Datasheet
617Kb / 7P
942.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1004A TAI-SAW-TA1004A Datasheet
1Mb / 6P
SAW Filter 942.5 MHz
logo
TriQuint Semiconductor
855810 TRIQUINT-855810_15 Datasheet
532Kb / 5P
942.5 MHz SAW Filter
855820 TRIQUINT-855820_15 Datasheet
344Kb / 7P
942.5 MHz SAW Filter
856528 TRIQUINT-856528_15 Datasheet
580Kb / 5P
942.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0152B TAI-SAW-TA0152B Datasheet
1Mb / 7P
SAW Filter 942.5 MHz
TA0394B TAI-SAW-TA0394B Datasheet
910Kb / 7P
SAW Filter 942.5 MHz
TA1743B TAI-SAW-TA1743B Datasheet
625Kb / 8P
SAW Filter 942.5 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com