Electronic Components Datasheet Search
  English  ▼

X  

W78LE51C Datasheet(PDF) 2 Page - Winbond

Part # W78LE51C
Description  8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE51C Datasheet(HTML) 2 Page - Winbond

  W78LE51C Datasheet HTML 1Page - Winbond W78LE51C Datasheet HTML 2Page - Winbond W78LE51C Datasheet HTML 3Page - Winbond W78LE51C Datasheet HTML 4Page - Winbond W78LE51C Datasheet HTML 5Page - Winbond W78LE51C Datasheet HTML 6Page - Winbond W78LE51C Datasheet HTML 7Page - Winbond W78LE51C Datasheet HTML 8Page - Winbond W78LE51C Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
W78LE51C/W78L051C
- 2 -
1.
GENERAL DESCRIPTION
The W78L051C is an 8-bit microcontroller which can accommodate a wide supply voltage range with
low power consumption. The instruction set for the W78L051C is fully compatible with the standard
8051. The W78L051C contains an 4K bytes Flash EPROM; a 128 bytes RAM; four 8-bit bi-directional
and bit-addressable I/O ports; an additional 4-bit I/O port P4; two 16-bit timer/counters; a hardware
watchdog timer and a serial port. These peripherals are supported by seven sources two-level
interrupt capability. To facilitate programming and verification, the Flash EPROM inside the
W78L051C allows the program memory to be programmed and read electronically. Once the code is
confirmed, the user can protect the code for security.
The W78L051C microcontroller has two power reduction modes, idle mode and power-down mode,
both of which are software selectable. The idle mode turns off the processor clock but allows for
continued peripheral operation. The power-down mode stops the crystal oscillator for minimum power
consumption. The external clock can be stopped at any time and in any state without affecting the
processor.
2.
FEATURES
•
Fully static design 8-bit CMOS microcontroller
•
Wide supply voltage of 2.4V to 5.5V
•
128 bytes of on-chip scratchpad RAM
•
4 KB electrically erasable/programmable Flash EPROM
•
64 KB program memory address space
•
64 KB data memory address space
•
Four 8-bit bi-directional ports
•
One extra 4-bit bit-addressable I/O port, additional INT2 / INT3
(available on 44-pin PLCC/QFP package)
•
Two 16-bit timer/counters
•
One full duplex serial port (UART)
•
Watchdog Timer
•
seven sources, two-level interrupt capability
•
EMI reduction mode
•
Built-in power management
•
Code protection mechanism
•
Packages:
− Lead Free (RoHS) DIP 40: W78L051C24DL
− Lead Free (RoHS) PLCC 44: W78L051C24PL
− Lead Free (RoHS) PQFP 44: W78L051C24FL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com