Electronic Components Datasheet Search
  English  ▼

X  

UGF3AB Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # UGF3AB
Description  3.0A Sintered Glass Passivated Ultra Fast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

UGF3AB Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  UGF3AB Datasheet HTML 1Page - TAITRON Components Incorporated UGF3AB Datasheet HTML 2Page - TAITRON Components Incorporated UGF3AB Datasheet HTML 3Page - TAITRON Components Incorporated UGF3AB Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2007-11-07
UGF3AB – UGF3MB
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329 (661)-257-6415
3.0A Sintered Glass Passivated
Ultra Fast Rectifier
3.0A Sintered Glass Passivated Ultra Fast Rectifier
Features
• Sintered glass passivated (SGP) rectifier chip
• Glass passivated cavity-free junction
• Ideal for surface mount automotive applications
• Superfast recovery time for high efficiency
• Built-in strain relief
• Easy pick and place
• High temperature soldering guaranteed:260°C/10 seconds,
at terminals
• RoHS Compliance
Mechanical Data
Case:
JEDEC DO-214AA(SMB) molded plastic over passivated chip
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
0.003 ounces, 0.093 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
UGF3
AB
UGF3
BB
UGF3
DB
UGF3
GB
UGF3
JB
UGF3
KB
UGF3
MB
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS
Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average
Forward Rectified
Current
3.0
A
TA=75° C
IFSM
Peak Forward Surge
Current
115
105
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
SMB


Similar Part No. - UGF3AB

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGF30A ZOWIE-UGF30A Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGF30B ZOWIE-UGF30B Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGF30D ZOWIE-UGF30D Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGF30F ZOWIE-UGF30F Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGF30G ZOWIE-UGF30G Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
More results

Similar Description - UGF3AB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UG3001 DIODES-UG3001 Datasheet
86Kb / 2P
3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. A1-2
UG3001 DIODES-UG3001_1 Datasheet
85Kb / 3P
3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27010 Rev. 4 - 2
logo
TAITRON Components Inco...
UGF1A TAITRON-UGF1A Datasheet
130Kb / 4P
1.0A Sintered Glass Passivated Ultra Fast Rectifier
UGF2A TAITRON-UGF2A Datasheet
147Kb / 4P
2.0A Sintered Glass Passivated Ultra Fast Rectifier
EGF3AB TAITRON-EGF3AB Datasheet
145Kb / 5P
3.0A Sintered Glass Passivated Super Fast Rectifier
EGP30A TAITRON-EGP30A Datasheet
146Kb / 4P
3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
GP30A TAITRON-GP30A Datasheet
132Kb / 4P
3.0A Sintered Glass Passivated Rectifier
RGF3AB TAITRON-RGF3AB Datasheet
175Kb / 6P
3.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP30A TAITRON-RGP30A Datasheet
133Kb / 4P
3.0A Sintered Glass Passivated Fast Recovery Rectifier
logo
Zowie Technology Corpor...
MUR420 ZOWIE-MUR420 Datasheet
106Kb / 2P
SINTERED GLASS PASSIVATED ULTRA FAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com