Electronic Components Datasheet Search
  English  ▼

X  

UGF2D Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # UGF2D
Description  2.0A Sintered Glass Passivated Ultra Fast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

UGF2D Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  UGF2D Datasheet HTML 1Page - TAITRON Components Incorporated UGF2D Datasheet HTML 2Page - TAITRON Components Incorporated UGF2D Datasheet HTML 3Page - TAITRON Components Incorporated UGF2D Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2007-11-07
UGF2A – UGF2M
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329 (661)-257-6415
2.0A Sintered Glass Passivated
Ultra Fast Rectifier
2.0A Sintered Glass Passivated Ultra Fast Rectifier
Features
• Sintered glass passivated (SGP) rectifier chip
• Glass passivated cavity-free junction
• Ideal for surface mount automotive applications
• Superfast recovery time for high efficiency
• Built-in strain relief
• Easy pick and place
• High temperature soldering guaranteed:260°C/10 seconds,
at terminals
• RoHS Compliance
Mechanical Data
Case:
JEDEC DO-214AA(SMB) molded plastic over passivated chip
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
0.003 ounces, 0.093 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
UGF2A
UGF2B
UGF2D
UGF2G
UGF2J
UGF2K
UGF2M
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS
Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average
Forward Rectified
Current
2.0
A
TA=75° C
IFSM
Peak Forward Surge
Current
65
60
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
SMB


Similar Part No. - UGF2D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UGF2004G TSC-UGF2004G Datasheet
225Kb / 4P
Isolated Ultra Fast Rectifiers
UGF2005G TSC-UGF2005G Datasheet
225Kb / 4P
Isolated Ultra Fast Rectifiers
UGF2006G TSC-UGF2006G Datasheet
225Kb / 4P
Isolated Ultra Fast Rectifiers
UGF2007G TSC-UGF2007G Datasheet
225Kb / 4P
Isolated Ultra Fast Rectifiers
logo
Inchange Semiconductor ...
UGF2008 ISC-UGF2008 Datasheet
272Kb / 2P
Ultra fast Rectifier
More results

Similar Description - UGF2D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UG2001 DIODES-UG2001 Datasheet
62Kb / 2P
2.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27009 Rev. A1-2
logo
TAITRON Components Inco...
UGF1A TAITRON-UGF1A Datasheet
130Kb / 4P
1.0A Sintered Glass Passivated Ultra Fast Rectifier
UGF3AB TAITRON-UGF3AB Datasheet
148Kb / 4P
3.0A Sintered Glass Passivated Ultra Fast Rectifier
UGP20A TAITRON-UGP20A Datasheet
191Kb / 4P
2.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
EGF2A TAITRON-EGF2A Datasheet
144Kb / 5P
2.0A Sintered Glass Passivated Super Fast Rectifier
EGP20A TAITRON-EGP20A Datasheet
139Kb / 4P
2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
GP20A TAITRON-GP20A Datasheet
132Kb / 4P
2.0A Sintered Glass Passivated Rectifier
RGF2A TAITRON-RGF2A Datasheet
177Kb / 6P
2.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP20A TAITRON-RGP20A Datasheet
133Kb / 4P
2.0A Sintered Glass Passivated Fast Recovery Rectifier
logo
Zowie Technology Corpor...
MUR420 ZOWIE-MUR420 Datasheet
106Kb / 2P
SINTERED GLASS PASSIVATED ULTRA FAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com