Electronic Components Datasheet Search
  English  ▼

X  

UGF2J Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # UGF2J
Description  2.0A Sintered Glass Passivated Ultra Fast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

UGF2J Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  UGF2J Datasheet HTML 1Page - TAITRON Components Incorporated UGF2J Datasheet HTML 2Page - TAITRON Components Incorporated UGF2J Datasheet HTML 3Page - TAITRON Components Incorporated UGF2J Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.0A Sintered Glass Passivated Ultra Fast Rectifier
Rev. A/AH 2007-11-07
UGF2A – UGF2M
www.taitroncomponents.com
Page 2 of 4
Fig.1- Forward Current Derating Curve
Ambient Temperature (°C)
Fig.2-Max. Non-Repetitive Peak Forward Surge Current
Number of Cycles at 60Hz
Note: Thermal resistance from junction to ambient and from junction to lead P.C.B mounted on 0.2x0.2”
(5.0x5.0mm) copper pad areas.
Typical Characteristics Curves
Symbol
Description
UGF2A
UGF2B
UGF2D
UGF2G
UGF2J
UGF2K
UGF2M
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
1.0
1.25
1.7
V
IF=1.0A
5
5
TA=25° C
30
100
TA=125° C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
100
-
µA
TA=150° C
Trr
Maximum Reverse
Recovery Time
50
75
nS
IF=0.5A, IR=1.0A,
Irr=0.25A
CJ
Typical Junction
Capacitance
45
pF
VR=4V, f=1MHz
RthJA
75
RthJL
Typical Thermal
Resistance
20
°C / W
Note
TJ,
TSTG
Operating Junction
and Storage
Temperature Range
-65 to +175
° C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com