Electronic Components Datasheet Search
  English  ▼

X  

W06M Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # W06M
Description  1.5A Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

W06M Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  W06M Datasheet HTML 1Page - TAITRON Components Incorporated W06M Datasheet HTML 2Page - TAITRON Components Incorporated W06M Datasheet HTML 3Page - TAITRON Components Incorporated W06M Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.5A Bridge Rectifiers
Rev. B/AH 2008-05-20
W005M - W10M
www.taitroncomponents.com
Page 2 of 4
Fig.1- Rectified Current Derating Curve
Ambient Temperature TA (°C)
Fig.2- Maximum Non-Repetitive Peak
Forward Surge Current per leg
Number of Cycle at 60Hz
Symbols
Parameter
W005M
W01M
W02M
W04M
W06M
W08M
W10M
Unit
Conditions
I²t
Rating for Fusing
(1ms<t<8.3ms)
10
A²S
CJ
Typical Junction Capacitance
15
pF
VR=4V, f=1MHz
RθJA
Typical Thermal Resistance
per leg
40
˚C/W
Note 1
TJ
Operating Temperature
Range
-55 to +125
˚C
TSTG
Storage Temperature Range
-55 to +150
˚C
Notes: 1. Unit mounted on P.C. board with 0.22" x 0.22" (5.5 x 5.5mm) copper pads, .375" (9.5mm)
lead length.
Typical Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com