Electronic Components Datasheet Search
  English  ▼

X  

LANE Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANE
Description  Up to 2 Watts DC/DC Converter Single and Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANE Datasheet HTML 1Page - Wall Industries,Inc. LANE Datasheet HTML 2Page - Wall Industries,Inc. LANE Datasheet HTML 3Page - Wall Industries,Inc. LANE Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LAN E Series
Up to 2 Watts
DC/DC Converter
Single and Dual Output
MECHANICAL DRAWING
Unit: mm
3.3, 5, 12, 15, & 24V Input Models
48V Input Models & 2 Watt models
PIN CONNECTIONS
PIN
3.3, 5, 12, 15 & 24V
Input Models
48V Input Models
& 2 Watt Models
Dual Outputs
1
+INPUT
+INPUT
+INPUT
2
-INPUT
-INPUT
-INPUT
4
-OUTPUT
-OUTPUT
-OUTPUT
5
NC
NC
COMMON
6
+OUTPUT
+OUTPUT
+OUTPUT
MTBF for LAN “E” SERIES, MIL217F
Failure rate and MTBF due to ambient temp. and load derating
Load Derating
Ambient
Temp.
Failure Rate
(FIT) MTBF (H)
100%
75%
50%
25%
FIT
1464
964
519
299
20°C
H
683060
1037344
1926782
2344482
FIT
2196
1446
779
449
30°C
H
455373
691563
1283697
2227171
FIT
3660
2410
1298
748
40°C
H
273224
414937
770416
1336898
FIT
5856
3856
2076
1196
50°C
H
170765
259336
481695
836120
FIT
8784
1784
3114
1194
60°C
H
113843
172890
321130
657414
FIT
12444
8194
4412
2542
70°C
H
80360
122040
226655
393391



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com