Electronic Components Datasheet Search
  English  ▼

X  

LANEC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANEC
Description  Single Output, to 1 Watt dc/dc converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANEC Datasheet HTML 1Page - Wall Industries,Inc. LANEC Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wallindustries.com
2
888 597-9255
9/7/2003
LANE-C SERIES
Single Output, to 1 Watt
dc/dc converters
1) All case and pin-to-case
dimensions reference only
unless otherwise noted
2) For 24Vin and 48Vin, width is
0.30”
Notes
Pinouts
pin
designation
1
+ Vin
2
- Vin
4
- Vout
5
Control
6
+ Vout
Models
part number
input
(VDC)
output
(VDC)
output
current
LANE505RC
5
5
100
LANE509RC
5
9
100
LANE512RC
5
12
83
LANE515RC
5
15
67
LANE1205RC
12
5
100
LANE1209RC
12
9
100
LANE1212RC
12
12
83
LANE1215RC
12
15
67
LANE1505RC
15
5
100
LANE1509RC
15
9
100
LANE1512RC
15
12
83
LANE1515RC
15
15
67
LANE2405RC
24
5
100
LANE2409RC
24
9
100
LANE2412RC
24
12
83
LANE2415RC
24
15
67
LANE4805RC
48
5
100
LANE4809RC
48
9
100
LANE4812RC
48
12
83
LANE4815RC
48
15
67



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com